Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM8958 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDM8958
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM8958 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDM8958 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
S DM8958
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
N-C h
0.77
1.2
-0.82 -1.2
VGS = 0V, Is =-1.7A P -C h
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
a.Surface Mounted on FR 4 Board, t 10sec.
N-C hannel
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
ID, Drain C urrent(A)
25
20
15
10
5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-55 C
25 C
T j=125 C
T j=125 C
25 C
-55 C
0.030
0.025
0.020
0.015
0.010
0.005
0
0
5
10
15
20
V GS =10V
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
V GS =10,9,8,7,6,5,4V
V GS =3V
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
C iss
C oss
C rss


Similar Part No. - SDM8958

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
logo
Burr-Brown (TI)
SDM862 BURR-BROWN-SDM862 Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
SDM862A BURR-BROWN-SDM862A Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
SDM862B BURR-BROWN-SDM862B Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
SDM862J BURR-BROWN-SDM862J Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
More results

Similar Description - SDM8958

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8301 SAMHOP-STM8301 Datasheet
1,014Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com