Electronic Components Datasheet Search |
|
FRM-SM-1064-A-L-8 Datasheet(PDF) 1 Page - Lightel Technologies INC. |
|
FRM-SM-1064-A-L-8 Datasheet(HTML) 1 Page - Lightel Technologies INC. |
|
1 / 1 page 2210 Lind Ave SW, Suite 100 Renton, WA 98057 USA sales@lightel.com (425) 277-8000 ph (425) 277-5280 fax www.lightel.com Specifications Ordering Information F R M – – 1 0 6 4 – A – – Fiber Type Center Wavelength Fiber Length Pigtail Style Connector SM: SM fiber 1064: 1064 nm A: 1 meter (=Package style) 0: None 7: LC/UPC PM: PM fiber B: bare fiber 1: FC/PC 8: LC/SPC L: 900 m loose tube 2: FC/APC 9: Special 3: SC/ PC A: FC/UPC 4: SC/APC B: SC/UPC 5: FC/SPC C: ST 6: SC/SPC Faraday Rotator Mirror 1064 nm, SM & PM Parameter Specification Center Wavelength (λc) 1064 nm Bandwidth ± 5 nm Insertion Loss ≤ 3.2 dB Faraday Rotation Angle (single pass) 45 ± 3° Extinction Ratio (PM) ≥ 20 dB PDL (SM) ≤ 0.05 dB Maximum Power 150 mW Operating Temperature 0° C ~ + 50° C Storage Temperature - 40° C ~ + 85° C Package Dimensions 5.5 mm (Ф) x 35 mm (L) Note1: All values specified are without connectors. Note2: SM fiber type: HI 1060 fiber. Note3: PM fiber type: PM 980 Panda fiber. |
Similar Part No. - FRM-SM-1064-A-L-8 |
|
Similar Description - FRM-SM-1064-A-L-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |