Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEMD-15-S-L-1 Datasheet(PDF) 1 Page - Lightel Technologies INC.

Part # FEMD-15-S-L-1
Description  All-in-One Component Workstation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

FEMD-15-S-L-1 Datasheet(HTML) 1 Page - Lightel Technologies INC.

  FEMD-15-S-L-1 Datasheet HTML 1Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2210 Lind Ave SW, Suite 100 Renton, WA 98057 USA
sales@lightel.com
(425) 277-8000 ph (425) 277-5280 fax
www.lightel.com
Specifications
Ordering Information
F R M D
Center Wavelength
Fiber Length
Pigtail Style
Connector
13: 1310 nm
A: 1 meter
(=Package style)
0: None
7: LC/UPC
15: 1550 nm
S: Special
B: bare fiber
1: FC/PC
8: LC/SPC
L: 900 m loose tube
2: FC/APC 9: Special
3: SC/ PC
A: FC/UPC
4: SC/APC B: SC/UPC
5: FC/SPC
C: ST
6: SC/SPC
Faraday Rotator Mirror
With Adjustable Time Delay
Parameter
Specification
Operating Wavelength Range
1310 nm or 1550 nm
Bandwidth
± 30 nm
Insertion Loss
≤ 1.4 dB
Faraday Rotation Angle (single pass)
45 ± 0.5°
Travel Distance
8 mm
PDL
≤ 0.1 dB
PMD
≤ 0.1 ps
Maximum Power
300 mW
Operating Temperature
0° C ~ + 70° C
Storage Temperature
- 40° C ~ + 85° C
Package Dimensions
5.5 mm (Ф) x 44 mm (L)
Note1: All values specified are without connectors.
Note2: Higher performance specifications upon request.
Note3: Fiber type Corning SMF-28e.


Similar Part No. - FEMD-15-S-L-1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
logo
List of Unclassifed Man...
FEM-10C ETC1-FEM-10C Datasheet
69Kb / 2P
   ANTRFOsc.FM Radio,T.V.Transceiver
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-7B SUMIDA-FEM-7B Datasheet
60Kb / 3P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
More results

Similar Description - FEMD-15-S-L-1

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
   All-in-One Component Workstation
logo
EPCOS
B72728A0070M062 EPCOS-B72728A0070M062 Datasheet
102Kb / 5P
   Multiple elements in one component
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
   All-in-One GNSS
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
   ALL IN ONE??POWER TRANSFORMERS
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
   All-In-One Motion Module
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
   ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
logo
Aven, Inc.
26700-220-MNT AVEN-26700-220-MNT Datasheet
1Mb / 2P
   All-In-One Digital Microscope
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
   ALL IN ONE MOUSE CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com