Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA-10-FC-UPC Datasheet(PDF) 1 Page - Lightel Technologies INC.

Part # FA-10-FC-UPC
Description  Single Mode Pluggable Fixed Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

FA-10-FC-UPC Datasheet(HTML) 1 Page - Lightel Technologies INC.

  FA-10-FC-UPC Datasheet HTML 1Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2210 Lind Ave SW, Suite 100 Renton, WA 98057 USA
sales@lightel.com
(425) 277-8000 ph (425) 277-5280 fax
www.lightel.com
Ordering Information
F
A
Attenuation
Connector Type
End Face
XX
: xx dB
SC
: SC connector
UPC
: UPC polish
03
: 3.0 dB
FC
: FC connector
APC
: APC polish
10
: 10.0 dB
LC
: LC connector
Attenuator
Single Mode Pluggable Fixed Attenuator
Specifications
Parameter
Specification
Center Wavelength (λc)
1310 nm & 1550 nm
Bandwidth
± 40 nm
Attenuation Range
1-30 dB
Attenuation Tolerance
1-9 dB
± 0.5 dB
10-14 dB
± 1.0 dB
15-30 dB
± 1.5 dB
Return Loss
≥ 50 dB (UPC)
≥ 60 dB (APC)
Maximum Power
200 mW
Attenuator Type
Pluggable (male to female)
Operating Temperature
- 40° C ~ + 85° C
Storage Temperature
- 40° C ~ + 85° C
Note 1: Higher performance specifications available upon request.
Note 2: Default fiber type SMF-28e.


Similar Part No. - FA-10-FC-UPC

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
FA-10-1-B-0 LIGHTEL-FA-10-1-B-0 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-1 LIGHTEL-FA-10-1-B-1 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-2 LIGHTEL-FA-10-1-B-2 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-3 LIGHTEL-FA-10-1-B-3 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-4 LIGHTEL-FA-10-1-B-4 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
More results

Similar Description - FA-10-FC-UPC

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
MM-FA-XX-1-SC-PC LIGHTEL-MM-FA-XX-1-SC-PC Datasheet
151Kb / 1P
   Multimode Pluggable Fixed Attenuator
logo
Pasternack Enterprises,...
PE700000-5 PASTERNACK-PE700000-5 Datasheet
118Kb / 1P
   FC ATTENUATOR, SINGLE MODE
PE700000-25 PASTERNACK-PE700000-25 Datasheet
139Kb / 1P
   FC ATTENUATOR, SINGLE MODE
PE700001-25 PASTERNACK-PE700001-25 Datasheet
118Kb / 1P
   ST ATTENUATOR, SINGLE MODE
PE700000-15 PASTERNACK-PE700000-15 Datasheet
117Kb / 1P
   FC ATTENUATOR, SINGLE MODE
PE700001-20 PASTERNACK-PE700001-20 Datasheet
118Kb / 1P
   ST ATTENUATOR, SINGLE MODE
PE700000-20 PASTERNACK-PE700000-20 Datasheet
118Kb / 1P
   FC ATTENUATOR, SINGLE MODE
PE700002-15 PASTERNACK-PE700002-15 Datasheet
120Kb / 1P
   SC ATTENUATOR, SINGLE MODE
PE700001-5 PASTERNACK-PE700001-5 Datasheet
117Kb / 1P
   ST ATTENUATOR, SINGLE MODE
PE700001-15 PASTERNACK-PE700001-15 Datasheet
118Kb / 1P
   ST ATTENUATOR, SINGLE MODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com