Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBV1-0505 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DBV1-0505
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DBV1-0505 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DBV1-0505 Datasheet HTML 1Page - PAIRUI GROUP INC. DBV1-0505 Datasheet HTML 2Page - PAIRUI GROUP INC. DBV1-0505 Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.pairuigroup.com
Page:
1/3
Date: 07/20/2015
DC-DC Converter
SIP-Package
DBV-1 SERIES, 1WATT, REGULATED WITH 2:1 INPUT RANGE
FEATURES:
Wide (2:1) input voltage range
1500Vdc isolation voltage
Regulated isolated twin output models
Continuous short circuit protection
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DBV1-0501
5(4.5~9)
5, 5
10
100
80%
DBV1-0502
9, 9
5.5
55
80%
DBV1-0503
12, 12
4.0
40
80%
DBV1-0504
15, 15
3.3
33
80%
DBV1-0505
24, 24
2.1
21
80%
DBV1-1201
12(9~18)
5, 5
10
100
80%
DBV1-1202
9, 9
5.5
55
80%
DBV1-1203
12, 12
4.0
40
80%
DBV1-1204
15, 15
3.3
33
80%
DBV1-1205
24, 24
2.1
21
80%
DBV1-2401
24(18~36)
5, 5
10
100
80%
DBV1-2402
9, 9
5.5
55
80%
DBV1-2403
12, 12
4.0
40
80%
DBV1-2404
15, 15
3.3
33
80%
DBV1-2405
24, 24
2.1
21
80%
Notes: other input and output models may available on request.
ELECTRICAL
Line regulation
---
±0.2%
Load regulation
10% ~ 100% full load
±0.5%
Ripple and noise
---
100mVp-p max.
Isolation voltage
---
1500Vdc
Short circuit protection
---
Continuous short circuit protection
Operating temperature range
---
-40
to +85
MTBF
---
1000KHrs
Weight
---
4.5g


Similar Part No. - DBV1-0505

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DBV1-0505 PAIRUI-DBV1-0505 Datasheet
395Kb / 3P
   DC-DC Converter
More results

Similar Description - DBV1-0505

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com