Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAV3-0524F Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAV3-0524F
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAV3-0524F Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAV3-0524F Datasheet HTML 1Page - PAIRUI GROUP INC. DAV3-0524F Datasheet HTML 2Page - PAIRUI GROUP INC. DAV3-0524F Datasheet HTML 3Page - PAIRUI GROUP INC. DAV3-0524F Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 09/09/2015
DC-DC Converter
SIP-Package
DAV-3F SERIES, 3WATT, REGULATED WITH 2:1 INPUT RANGE
FEATURES:
Wide (2:1) input voltage range
3000Vdc isolation voltage
Regulated single and dual output models
With remote off function
No overshoot when switch on & off
Continuous short circuit protection
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAV3-0511F
5(4.5~9)
5
60
600
80%
DAV3-0512F
9
33.3
333
80%
DAV3-0513F
12
25
250
80%
DAV3-0514F
15
20
200
80%
DAV3-0515F
24
12.5
125
80%
DAV3-0521F
±5
30
300
80%
DAV3-0522F
±9
16.7
167
80%
DAV3-0523F
±12
12.5
125
80%
DAV3-0524F
±15
10
100
80%
DAV3-1211F
12(9~18)
5
60
600
80%
DAV3-1212F
9
33.3
333
80%
DAV3-1213F
12
25
250
80%
DAV3-1214F
15
20
200
80%
DAV3-1215F
24
12.5
125
80%
DAV3-1221F
±5
30
300
80%
DAV3-1222F
±9
16.7
167
80%
DAV3-1223F
±12
12.5
125
80%
DAV3-1224F
±15
10
100
80%
DAV3-2411F
24(18~36)
5
60
600
80%
DAV3-2412F
9
33.3
333
80%
DAV3-2413F
12
25
250
80%
DAV3-2414F
15
20
200
80%
DAV3-2415F
24
12.5
125
80%
DAV3-2421F
±5
30
300
80%
DAV3-2422F
±9
16.7
167
80%
DAV3-2423F
±12
12.5
125
80%


Similar Part No. - DAV3-0524F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAV3-0524F PAIRUI-DAV3-0524F Datasheet
478Kb / 4P
   DC-DC Converter
More results

Similar Description - DAV3-0524F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com