Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAC60W-240 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC60W-240
Description  60 Watt Universal 2-Wire Input Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC60W-240 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC60W-240 Datasheet HTML 1Page - Phihong USA Inc. PSAC60W-240 Datasheet HTML 2Page - Phihong USA Inc. PSAC60W-240 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSAC60W Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Frequency
47 to 63Hz
Input Current
1.5A at 120V AC
Leakage Current
0.25mA maximum at 254V AC and 60Hz
Inrush Current
90A maximum at 100V AC
150A maximum at 240V AC
Input Power Saving
150mW max
Output:
Output Power
60W
Efficiency
DOE Level VI
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-20 to +70°C
Humidity
5 to 90%
Emissions
FCC Class B
EN55022 Class B
Immunity
IEC61000-4-2
Level 4
IEC61000-4-5
Level 3
Over-Voltage Protection
Latch off
Over-Current Protection
Auto-restart
Short-Circuit Protection
Output can be shorted permanently without
damage
Isolation
>7M OHM
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min.,
10mA
DC Output Connector
2.1mm x 5.5mm x 9.5mm Center Positive
Barrel


Similar Part No. - PSAC60W-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC60W-240 PHIHONG-PSAC60W-240 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-240 PHIHONG-PSAC60W-240 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
More results

Similar Description - PSAC60W-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSC60W-120 PHIHONG-PSC60W-120 Datasheet
130Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAA60W-150 PHIHONG-PSAA60W-150 Datasheet
100Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120_14 Datasheet
107Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com