Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAI05R-050QL6 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAI05R-050QL6
Description  5W USB Interchangeable Plug Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAI05R-050QL6 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAI05R-050QL6 Datasheet HTML 1Page - Phihong USA Inc. PSAI05R-050QL6 Datasheet HTML 2Page - Phihong USA Inc. PSAI05R-050QL6 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 3/26/2018
WWW.PHIHONG.COM
5W USB Interchangeable Plug* Adapter
*Plugs sold separately
Features
• USB Socket
• Low Leakage Current
• Field Changeable AC Plugs
• UL 94 V0 Flammability
• Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b Compliant
• DOE Level VI Compliance
Applications
• Wireless Communications
• Portable Equipment
• Peripherals
• Networking
Safety Approvals
• cUL/UL
• CE
• RCM2
• CB
Mechanical Characteristics
• Length: 76.1mm (2.99in)
• Height: 30.8mm (1.21in)
• Width: 35.6mm (1.4in)
Output Specifications
(1)
Measured by using a 12-inch twisted pair terminal with a 10uF EC capacitor and a 0.1uF ceramic in parallel, measured at max load.
(2)
Registration by the country local representative may be required
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for
the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple(1)
Regulation
Min.
Max.
P-P (max.)
Line & Load
PSAI05R-050QL6
5V
0A
1A
200mV
±5%


Similar Part No. - PSAI05R-050QL6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAI05R-050QL6 PHIHONG-PSAI05R-050QL6 Datasheet
114Kb / 2P
   5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
PSAI05R-050QL6-R PHIHONG-PSAI05R-050QL6-R Datasheet
114Kb / 2P
   5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
More results

Similar Description - PSAI05R-050QL6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSB05R-050Q PHIHONG-PSB05R-050Q Datasheet
129Kb / 2P
   5W USB Adapter with Interchangeable Plugs
logo
MORNSUN Science& Techno...
MU00505HA MORNSUN-MU00505HA Datasheet
455Kb / 5P
   5W AC/DC interchangeable Adapter
logo
Phihong USA Inc.
PSA05R PHIHONG-PSA05R Datasheet
159Kb / 2P
   5W Interchangeable Plug Series
PSA05R-033 PHIHONG-PSA05R-033 Datasheet
160Kb / 2P
   5W Interchangeable Plug Series
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
   5W Interchangeable Plug Series
PSAI05R-050QL6-R PHIHONG-PSAI05R-050QL6-R Datasheet
114Kb / 2P
   5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
PSC03R-050 PHIHONG-PSC03R-050 Datasheet
93Kb / 2P
   2.5W USB Adapter with Interchangeable Plugs
PSA05E-050QL6 PHIHONG-PSA05E-050QL6 Datasheet
199Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05K-050QL6 PHIHONG-PSA05K-050QL6 Datasheet
248Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05S-050QL6 PHIHONG-PSA05S-050QL6 Datasheet
203Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com