Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAC12R-060 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC12R-060
Description  12 Watt Interchangeable Plug Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC12R-060 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC12R-060 Datasheet HTML 1Page - Phihong USA Inc. PSAC12R-060 Datasheet HTML 2Page - Phihong USA Inc. PSAC12R-060 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSAC12R Characteristics
WWW.PHIHONG.COM
INPUT
Input Voltage Rating
100 to 240VAC
AC Input Voltage Range
90 to 264VAC
AC Input Current
0.5A (RMS), 120VAC at maximum load
0.25A (RMS), 230VAC at maximum load
AC Input Frequency
47 to 63Hz
In-rush Current
<30A for 120VAC at maximum load
<60A for 230VAC at maximum load
(cold start at ambient 25°C)
Leakage Current
0.25mA maximum
OUTPUT
Output Power
12W
Efficiency
US DoE Level VI
EU CoC Ver5 Tier1
No Load Power Consumption
≤75mW max @ 115V
Hold up time
10 mS minimum at maximum load, 120VAC
ENVIRONMENTAL
Temperature
Operation
0°C to +40°C
Non-operation
-40°C to +85°C
Humidity
50 to 90%
EMI
FCC class B, EN55022 Class B
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5 Level 3
EN61000-4-6
EN61000-4-11
Isolation (HI-POT test)
Input to Output: 3000VAC for 1 minute, 10mA
Insulation Resistance
Input to Output: 500VDC 500M Ohm minimum
Over Current Protection
3A max. Short Circuit Auto-restart
Short Circuit Protection
Output can be shorted without damage
Over Voltage Protection
<7.5V
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min.,
10mA
DC Cord
1500mm (18~24AWG)
DC Output Connector (Tuning Fork Type)
5.5mm x 2.1mm x 10mm Center Positive
Interchangeable AC Clips
(Sold Separately)
RPA – US
RPB – Brazil
RPC – China
RPE – Europe
RPH – Korea
RPI – India
RPK – UK
RPN – Argentina
RPS – Australia
RPX – IEC320 C8


Similar Part No. - PSAC12R-060

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC12R-060 PHIHONG-PSAC12R-060 Datasheet
72Kb / 2P
   12 Watt Interchangeable Plug Series PSAC12R Series meets Level VI Efficiency Requirements
More results

Similar Description - PSAC12R-060

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
PSAA20R-120 PHIHONG-PSAA20R-120 Datasheet
134Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSC30R-120 PHIHONG-PSC30R-120 Datasheet
142Kb / 2P
   30-WATT INTERCHANGEABLE PLUG SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com