Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVC4020V2505JET Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # HVC4020V2505JET
Description  Precision High-Value High-voltage Wraparound Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HVC4020V2505JET Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  HVC4020V2505JET Datasheet HTML 1Page - Ohmite Mfg. Co. HVC4020V2505JET Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
22
dimen S ion S
(mm)
ho W to order
Power
Size Rating (mW)
L
W
T
a
0402
50
1.04 ±.05
0.50 ±.05
0.30 ±.05
0.1 +.1/-.05
0603
100
1.50 +.15/-.05
0.80 +.15/-.05
0.40 +.15/-.05
0.2 +.2/-.1
0805
125
2.00 +.15/-.05
1.25 +.15/-.05
0.40 +.15/-.05
0.3 +.2/-.1
1206
250
3.20 +.15/-.05
1.50 +.2/-.05
0.40 +.15/-.05
0.3 +.2/-.1
2512
1000
6.30 +.15/-.05
3.50 +.2/-.05
0.60 +.15/-.05
0.9 ±.2
4020
1500 10.20 +.20/-.05
5.10 +.2/-.05
0.60 +.20/-.1
0.9 ±.2
W
L
T
a
hVc Series
Precision High-Value High-voltage Wraparound Chip
H V C 1 2 0 6 T 1 0 0 4 J E T
Tolerance
D =0.50%
F = 1%
G = 2%
J = 5%
K = 10%
M= 20%
P = 30%
Ohms
1004 = 1M
Ω
5006 = 500M
Ω
(ppm)
TCR
W=
25
V =
50
T = 100
Z = 250
E = 500
N = 1000
U = 2000
Tape & Reel
500 pc/reel
RoHS Compliant
Package
Size
Series
High Voltage
Wrap Around Chip
t erminal d etail S
Base Metal
PdAg
Termination Finish
100% electroplated matte Sn100
Thickness of Finish
5 microns
Barrier Material between Base Metal and Finish
Porosity-free Ni (5-8 microns thickness)
Baking/Annealing Process after Sn Plating
150°C; > 4 hours
Peak Process Body Temperature (Classification
Temperature) and Maximum Time
260°C for 10 seconds
Standard Part Numbers
HVC0402E5006KET
HVC0402N5007KET
HVC0402T1004JET
HVC0402T1005JET
HVC0402T1006JET
HVC0402T2504JET
HVC0402T2505JET
HVC0402Z2506JET
HVC0402T5004JET
HVC0402T5005JET
HVC0603N1007KET
HVC0603N5007KET
HVC0603T1004FET
HVC0603T1005FET
HVC0603T1006FET
HVC0603T2504FET
HVC0603T2505FET
HVC0603T5004FET
HVC0603T5005FET
HVC0603Z5006JET
HVC0805E1008KET
HVC0805T1004JET
HVC0805T1005JET
HVC0805T1006JET
HVC0805T2504JET
HVC0805T2505JET
HVC0805Z2506JET
HVC0805T5004JET
HVC0805T5005JET
HVC0805E5007JET
HVC0805Z1007JET
HVC0805Z5006JET
HVC1206T1004JET
HVC1206T1005JET
HVC1206T1006JET
HVC1206Z2504JET
HVC1206T2505JET
HVC1206Z2506JET
HVC1206T5004JET
HVC1206T5005JET
HVC1206Z5007KET
HVC1206Z1007JET
HVC1206Z1008KET
HVC1206Z5006JET
HVC2512T1004JET
HVC2512T1005JET
HVC2512T1006JET
HVC2512T1007JET
HVC2512T1008KET
HVC2512T2504JET
HVC2512T2505JET
HVC2512T2506JET
HVC2512T5004JET
HVC2512T5005JET
HVC2512T5006JET
HVC2512T5007JET
HVC4020V1004JET
HVC4020V1005JET
HVC4020V1006JET
HVC4020V1007JET
HVC4020V1008KET
HVC4020V2504JET
HVC4020V2505JET
HVC4020V2506JET
HVC4020Z2508KET
HVC4020V5004JET
HVC4020V5005JET
HVC4020V5006JET
HVC4020V5007JET
rev 12/17-1


Similar Part No. - HVC4020V2505JET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC4020V2505JET OHMITE-HVC4020V2505JET Datasheet
329Kb / 2P
   Low temperature and voltage dependency
More results

Similar Description - HVC4020V2505JET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC1206T1004JET OHMITE-HVC1206T1004JET Datasheet
238Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
   High Precision Wraparound Thin Film Chip Resistors
01-Jan-2022
P VISHAY-P Datasheet
131Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
Vishay Siliconix
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com