Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCSL150R005FE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # FCSL150R005FE
Description  Metal Foil Current Sense
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FCSL150R005FE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  FCSL150R005FE Datasheet HTML 1Page - Ohmite Mfg. Co. FCSL150R005FE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
7
W1
A
H N
W2
E
p a C kaging Spe C i F i C ation S
Reel (in./mm)
Standard Part Numbers
Tape (in./mm)
FCSL76
FCSL90
FCSL110
FCSL150
A 0.163 (4.15 ±0.10) 0.191 (4.85 ±0.10) 0.213 (5.40 ±0.10) 0.327 (8.30 ±0.1)
B 0.313 (7.95 ±0.10) 0.368 (9.35 ±0.10) 0.453 (11.50 ±0.10) 0.614 (15.60 ±0.1)
W 0.630 (16.00 ±0.30) 0.630 (16.00 ±0.30) 0.945 (24.00 ±0.30) 0.945 (24.00 ±0.2)
F 0.295 (7.50 ±0.10) 0.295 (7.50 ±0.10) 0.453 (11.50 ±0.10) 0.069 (1.75 ±0.1)
E 0.069 (1.75 ±0.10) 0.069 (1.7 ±0.10)
0.069 (1.75 ±0.10) 0.453 (11.50 ±0.1)
P0 0.157 (4.00 ±0.10) 0.157 (4.00 ±0.10) 0.157 (4.00 ±0.10) 0.157 (4.00 ±0.1)
P1 0.315 (8.00 ±0.10) 0.315 (8.00 ±0.10) 0.315 (8.00 ±0.10) 0.472 (12.00 ±0.1)
P2 0.079 (2.00 ±0.10) 0.079 (2.00 ±0.10) 0.079 (2.00 ±0.10) 0.079 (2.00 ±0.1)
D0 0.059 (1.50 ±0.10) 0.059 (1.50 ±0.10) 0.059 (1.50 ±0.10) 0.059 (1.50 +0.05/-0)
D1 0.059 (1.50 ±0.10) 0.059 (1.50 ±0.10) 0.059 (1.50 ±0.10) 0.059 (1.50 +0.05/-0)
T 0.012 (0.30 ±0.05) 0.012 (0.30 ±0.05) 0.012 (0.30 ±0.05) 0.012 (0.30 ±0.05)
T2 0.047 (1.2 ±0.15)
0.047 (1.2 ±0.15)
0.047 (1.2 ±0.15)
0.091 (2.3 ±0.1)
FCSL64
FCSL76/90
FCSL110
FCSL150
A 7.087 (180 +0/-3) 7.087 (180 +0/-3) 7.087 (180 ±2.0) 12.992 (330±2.0)
H 0.512 (13 ±0.2) 0.512 (13 ±0.2)
0.512 (13 ±0.2)
0.512 (13±0.2)
E 0.079 (2.0 ±0.5) 0.079 (2.0 ±0.5) 0.079 (2.0 ±0.5)
0.079 (2.0 ±0.5)
N 0.236 (60 +1/-0) 0.236 (60 +1/-0) 0.827 (21 ±0.8)
3.937 (100±1.0)
W1 0.518 (13.0 ±0.3) 0.669 (17.0 ±0.3) 1.000 (25.4 ±1.0) 1.000 (25.4 ±1.0)
W2 0.669 (17.0 ±1.4) 0.764 (19.4 ±1.0) 1.157 (29.4 ±1.0) 1.157 (29.4 ±1.0)
FCSL Series
Metal Foil Current Sense
Ohms
2 Watts
3 Watts
4 Watts
5 Watts
10 Watt
0.0010 FCSL64R001JE FCSL76R001JE FCSL90R001JE FCSL110R001JE
FCSL150R001JE
0.0020 FCSL64R002GE FCSL76R002GE FCSL90R002GE FCSL110R002GE
FCSL150R002GE
0.0050 FCSL64R005FE FCSL76R005FE FCSL90R005FE FCSL110R005FE
FCSL150R005FE
0.0100 FCSL64R010FE FCSL76R010FE FCSL90R010FE FCSL110R010FE
FCSL150R010FE
0.0250 FCSL64R025FE FCSL76R025FE FCSL90R025FE FCSL110R025FE
FCSL150R025FE
0.0500 FCSL64R050FE FCSL76R050FE FCSL90R050FE FCSL110R050FE
FCSL150R050FE
0.0150 FCSL64R015FE FCSL76R015FE FCSL90R015FE FCSL110R015FE
FCSL150R015FE
0.0200 FCSL64R020FE FCSL76R020FE FCSL90R020FE FCSL110R020FE
FCSL150R020FE
0.0300 FCSL64R030FE FCSL76R030FE FCSL90R030FE FCSL110R030FE
FCSL150R030FE
0.1000 FCSL64R100FE FCSL76R100FE FCSL90R100FE FCSL110R100FE
FCSL150R100FE
1
3
W
L
t
1. Alumina substrate
2. Resistive element
(Ni-Cu-Mn alloy)
3. Electrode (Ni, Sn)
4. Protective coating
(Epoxy resin)
5. Marking
(Epoxy resin)
2
4
5
FCSL110 has wrap-
around terminals
0.5mm +0.2/-0.05
Land Pattern
a
b
c
(mm)
Value range
a
b
c
FCSL64
1m
Ω
0.9 4.2 6.6
2m
Ω~100mΩ
2.2
4.2
6.6
FCSL76
1m
Ω
1.1
4.6
7.8
2m
Ω~100mΩ
2.6
4.6
7.8
FCSL90
1m
Ω
1.3 5.1 9.2
2m
Ω~100mΩ 3.1 5.1 9.2
FCSL110
1m
Ω
1.5
5.6 11.2
2m
Ω~100mΩ
3.6
5.6 11.2
FCSL150
1m
Ω
2.0
8.4 15.2
2m
Ω~100mΩ
5.0
8.4 15.2
t
Series
Power Rating
L
W
1mΩ
2mΩ ~
FCSL64
2.0W 0.122/3.1 0.248/6.3 0.047/1.20 0.020/0.50
FCSL76
3.0W 0.15/3.8
0.3/7.6
0.053/1.35 0.024/0.60
FCSL90
4.0W 0.177/4.5 0.35/8.9 0.063/1.60 0.028/0.70
FCSL110 5.0W 0.197/5.0 0.43/11.0 0.063/1.60 0.031/0.80
FCSL150 10W 0.295/7.5 0.591/15.0 0.043/1.10
Series
Tolerance
J= 5%
G= 2%
F= 1%
D = 0.5%
Ohms
R005 =0.005
R050 =0.050
Taping Code
1,000 pc/reel
(10W: 500pc/reel)
RoHS Compliant
Package Size
64=6432=2W
76=7638=3W
90=9045=4W
110=11050=5W
150=15075=10W
Dimen S ion S
(in.±.008/mm ±0.20)
or D ering in F ormation
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
FCSL64
A 0.135 (3.43 ±0.2)
B 0.261 (6.63 ±0.2)
W 0.472 (12.0 ±0.3)
E 0.069 (1.75 ±0.1)
F 0.217 (5.5 ±0.05)
P0 0.157 (4.0 ±0.1)
P1 0.157 (4.0 ±0.1)
P2 0.079 (2.0 ±0.05)
D0 0.059 (1.5 +0.1/-0)
D1 0.059 (1.5 +0.2/-0)
T 0.008 (0.2 ±0.05)
T2 0.059 (1.5 max.)
rev 3/18-1


Similar Part No. - FCSL150R005FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL150R005FE OHMITE-FCSL150R005FE Datasheet
526Kb / 2P
   Designed for automatic insertion
More results

Similar Description - FCSL150R005FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
   Metal Foil Current Sense
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
   Metal Foil Current Sense
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
   Metal Foil Current Sense
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
   CFN Series Metal Foil, Current Sense Resistor
CFG BOURNS-CFG Datasheet
580Kb / 5P
   Metal Foil, Wide Terminal Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
   CFG Series Metal Foil, Wide Terminal Current Sense Resistor
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com