Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FC4TR100FER Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part No. FC4TR100FER
Description  Metal Foil Low Value Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FC4TR100FER Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  FC4TR100FER Datasheet HTML 1Page - Ohmite Mfg. Co. FC4TR100FER Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
13
per F orman C e C hara CT eri ST i CS
Test Items Performance
Test Methods
Short time overload
±(1.0%+0.5mΩ)
P= 2.5Pr; T=25 ±2ºC, t=5sec.; IEC60115-1 4.13
High Temp. Exposure
±(1.0%+0.5mΩ)
T=+170 ±2ºC; t=1000h; IEC60115-1 4.25
Low Temp. Storage
±(1.0%+0.5mΩ)
T=-55 ±2ºC; t=1000h; IEC60115-1 4.25
Moisture Load Life
±(2.0%+0.5mΩ)
Vtest=Vmax; T=60 ±2ºC; RH=95%; t= 90min ON, 30min OFF, 1000h; IEC60115-1 4.25
(60℃, 95%RH)
Thermal Shock
±(1.0%+0.5mΩ)
-55ºC 30min. / R.T. 3min. / +150ºC 30min. / R.T. 3min ], 100cycles; IEC60115-1 4.19
Load Life at 70ºC
±(2%+0.5mΩ)
Vtest=Vmax; T=70 ±2ºC; t=90min ON; IEC60115-1 4.25
Solderability
The covered area >95% Dip into solder at T=245 ±5ºC, t=3 ±0.5sec.; IEC60115-1 4.17
Resistance to Solder Heat
±(1.0%+0.5mΩ)
Through Reflow T=275 ±5ºC, t=20 ±1sec.; IEC60115-1 4.18
Mechanical Shock
±(1.0%+0.5mΩ)
a=100G, t=11ms, 5 times shock; IEC60115-1 4.21
Substrate Bending
±(1.0%+0.5mΩ)
Span between fulcrums 90mm; bend width 2mm; test board glass-epoxy;
Thickness=1.6mm; IEC60115-1 4.33
FC4T Series
Metal Foil Low Value Chip
dimen S ion S
(mm ±0.2)
W1
A
N
A
B
P
P2
D0
E
F
W
D1
P
T
K
T1
Direction
of feed
W
a
g
b
c
d
e
L
t
f
Tape and Reel
Part
L
W
a
b
c
t
d
e
f
g
FC4T 3.2
1.6
0.6
0.55
0.3
0.6
1.10 0.30
1.2
1.8
Part
W
P
P2
A
B
D0
F
E
T
T1
K
FC4T 8.00 ±0.30 4.00 ±0.10
2.00 ±0.10 2.05 ±0.20 3.65 ±0.20 1.50 ±0.10 3.50 ±0.10 1.75 ±0.10 0.20 ±0.10
Max. 0.1
0.85 ±0.20
A
178 ±5
N
60 ±2
W1 9 ±1
orderin G in F ormaT ion
FC4TR010DE R
Series
Tolerance
F= 1%
D= 0.5%
Ohms
Tape & Reel
5000/reel
RoHS Compliant
1%
FC4TR005FER
FC4TR010FER
FC4TR015FER
FC4TR050FER
FC4TR100FER
0.5%
FC4TR010DER
FC4TR015DER
FC4TR050DER
FC4TR100DER
Standard Part Numbers
rev 1/18-3
V = sensing terminal
(voltage)
I = current terminal
VV
II
Schematic
Layout for
illustration only,
part can be
rotated 180°
without effect to
the circuit.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn