Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSBP-B1300-75 Datasheet(PDF) 1 Page - Mini-Circuits

Part # CSBP-B1300-75
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CSBP-B1300-75 Datasheet(HTML) 1 Page - Mini-Circuits

  CSBP-B1300-75 Datasheet HTML 1Page - Mini-Circuits CSBP-B1300-75 Datasheet HTML 2Page - Mini-Circuits CSBP-B1300-75 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 1 of 3
The Big Deal
• ExcellentRejection
1080MHz,1530MHz:32dBtyp.
1020MHz,1630MHz:53dBtyp.
• LowPassbandInsertionLoss,0.7dBtyp.
• StableILvs.Temperature:±0.35dBtyp.
Product Overview
TheMini-CircuitsCSBP-B1300-75+isaceramic-coaxial-resonatorbasedbandpassofferingoutstandingclose-in
rejection,lowinsertionlossandhighpowerhandlingforuseinCATVapplications.
CSBP-B1300-75+
75Ω1210to1390MHz
CASESTYLE:KR1508
Bandpass Filter
Ceramic Resonator
Key Features
Feature
Advantages
HighSelectivity
TheCSBP-B1300-75+filterincorporatesHigh-Qcustomceramicresonatorsthatenablesharp
rejectionnearthepassbandwhilemaintaining14%passbandbandwidth.
LowPassbandVSWR:1.2:1typ.
TheCSBP-B1300-75+filtermaintainstypicalVSWRoverawidepassbandfrequencyrange
makingthisfiltereasiertointegrateintoreceiverandtransmitterRFchainswithlessconcerns
forin-bandfrequencyripple.
RFPowerHandling:14.5W
TestedathighlevelRFpowers,theCSBP-B1300-75+canwithstandhighpowerCWsignals
withinthepassbandmakingthisfilteridealforhigherpowertransmit.
TemperatureStability:±0.35dB
TheuseofhighlystablematerialsenablestheCSBP-B1300-75+tomaintainminimalinsertion
lossvariationoverawidetemperaturerangeoverthepassbandandstopband.
Ruggedconstruction
TheCSBP-B1300-75+hasbeenqualifiedoverawiderangeofthermal,mechanicaland
environmentalconditionsincludingwithstandingthestressofextensivesolderreflowcycles.
Smallsize:1.505"x0.67x0.285"
TheuseofhighdielectricconstantresonatorsenablestheCSBP-B1300-75+tosupportalarge
numberofpolesinasmallfootprintenablinghighselectivityinasmallsurfacemountdesign.


Similar Part No. - CSBP-B1300-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CSBP-A1843 MINI-CSBP-A1843 Datasheet
438Kb / 3P
   Bandpass Filter
CSBP-A1843++ MINI-CSBP-A1843+ Datasheet
438Kb / 3P
   Bandpass Filter
CSBP-A940 MINI-CSBP-A940 Datasheet
445Kb / 3P
   Bandpass Filter
CSBP-A940++ MINI-CSBP-A940+ Datasheet
445Kb / 3P
   Bandpass Filter
CSBP-D1189 MINI-CSBP-D1189 Datasheet
704Kb / 3P
   Bandpass Filter
More results

Similar Description - CSBP-B1300-75

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com