Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

825J150H Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 825J150H
Description  High Energy Wirewound
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

825J150H Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  825J150H Datasheet HTML 1Page - Ohmite Mfg. Co. 825J150H Datasheet HTML 2Page - Ohmite Mfg. Co. 825J150H Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
62
P e RF o R m A n C e CHARACT e R isi C s
Energy (J)
0
20
40
60
80
100
120
140
160
180
Fusing Energy (J)
0
100
200
300
400
500
600
700
Fusing Current (A)
0
10
20
30
40
50
Energy (J)
0
Fusing Energy (J)
825J-
Energy (J)
0
RH3R0DB-
0
825J-
Fusing Energy (J)
0
RH3R0DB-
Fusing Current (A)
0
825J-
Fusing Current (A)
0
RH3R0DB-
10
20
30
40
50
60
50
100
150
200
250
5
10
15
20
25
30
35
40
45
2
4
6
8
10
12
14
0
10
20
30
40
50
60
5
10
15
20
25
30
35
High energy Wirewound
Axial Terminal / Surface Mount / Heat Sinkable Packaging
(continued)


Similar Part No. - 825J150H

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
825J1K0E OHMITE-825J1K0E Datasheet
129Kb / 1P
   Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
825J1K5E OHMITE-825J1K5E Datasheet
129Kb / 1P
   Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
825J1R0E OHMITE-825J1R0E Datasheet
129Kb / 1P
   Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
More results

Similar Description - 825J150H

ManufacturerPart #DatasheetDescription
logo
Tadiran Batteries GmbH
TLP-93111-A TADIRN-TLP-93111-A Datasheet
288Kb / 1P
   High energy
TLP-93311-A TADIRN-TLP-93311-A Datasheet
309Kb / 1P
   High energy
TLP-97311-A TADIRN-TLP-97311-A Datasheet
276Kb / 1P
   High energy
TLP-92111-A TADIRN-TLP-92111-A Datasheet
290Kb / 1P
   High energy
TLP-96111-A TADIRN-TLP-96111-A Datasheet
258Kb / 1P
   High energy
TLP-96311-A TADIRN-TLP-96311-A Datasheet
272Kb / 1P
   High energy
TLP-97111-A TADIRN-TLP-97111-A Datasheet
274Kb / 1P
   High energy
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-92311-A TADIRN-TLP-92311-A Datasheet
313Kb / 1P
   High energy
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com