Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBP-2250A+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # CBP-2250A+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBP-2250A+ Datasheet(HTML) 2 Page - Mini-Circuits

  CBP-2250A+ Datasheet HTML 1Page - Mini-Circuits CBP-2250A+ Datasheet HTML 2Page - Mini-Circuits CBP-2250A+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
CBP-2250A+
Electrical Specifications at 25°C
CASESTYLE:KU1513
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
-
-
-
2250
-
MHz
Insertion Loss
F1-F2
2000-2500
-
1.1
2.0
dB
VSWR
F1-F2
2000-2500
-
1.6
2.1
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-1630
20.0
31.0
-
dB
VSWR
DC-F3
DC-1630
-
20.0
-
:1
Stop Band, Upper
Insertion Loss
F4-F5
2900-6000
20.0
31.0
-
dB
VSWR
F4-F5
2900-6000
-
20.0
-
:1
Maximum Ratings
OperatingTemperature
-40°Cto85°C
StorageTemperature
-55°Cto100°C
RF Power Input
2WMax.
Permanentdamagemayoccurifanyoftheselimitsareexceeded.
REV.OR
M165397
CBP-2250A+
EDU2918
URJ
180407
Page 2 of 3
Typical Frequency Response
Functional Schematic
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
RF IN
RF OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω2000to2500MHz
Bandpass Filter
Applications
•Amateurradio
• Space operation
• ISM
Features
• Low insertion loss
•Betterrejection
• Miniature shielded package
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(ns)
0
10
20
30
40
50
1500 1700 1900 2100 2300 2500 2700 2900 3100 3300
FREQUENCY (MHz)
CBP-2250A+
INSERTION LOSS (Zoomed)
1
109.86
408.42
2000
2.21
750
84.77
238.23
2025
2.12
1630
33.42
51.25
2050
2.04
1695
20.93
31.81
2075
1.96
1740
10.73
13.36
2100
1.90
1775
3.84
3.71
2125
1.85
2000
0.76
1.14
2150
1.80
2200
0.76
1.39
2175
1.77
2250
0.71
1.31
2200
1.75
2300
0.69
1.25
2225
1.74
2500
0.85
1.37
2250
1.72
2630
3.26
3.76
2275
1.72
2700
10.31
18.35
2300
1.72
2800
20.37
59.73
2325
1.72
2900
28.51
87.45
2350
1.73
2930
30.67
91.69
2375
1.75
3500
62.12
78.51
2400
1.76
4000
69.58
51.50
2425
1.79
5450
32.34
56.51
2450
1.82
6000
46.17
51.46
2500
1.94
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1700
1900
2100
2300
2500
2700
FREQUENCY (MHz)
CBP-2250A+
VSWR
0
10
20
30
40
50
60
70
80
90
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
CBP-2250A+
INSERTION LOSS (Full band)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1750
1900
2050
2200
2350
2500
2650
FREQUENCY (MHz)
CBP-2250A+
GROUP DELAY


Similar Part No. - CBP-2250A+

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CBP-20BA COOPER-CBP-20BA Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Merrimac Industries, In...
CBP-20N-1250 MERRIMAC-CBP-20N-1250 Datasheet
31Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
CBP-20N-375 MERRIMAC-CBP-20N-375 Datasheet
31Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
logo
Mini-Circuits
CBP-2150AN MINI-CBP-2150AN Datasheet
1Mb / 3P
   Bandpass Filter
REV.OR
CBP-2150AN++ MINI-CBP-2150AN+ Datasheet
926Kb / 3P
   Bandpass Filter
REV.A
More results

Similar Description - CBP-2250A+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com