Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBP-1555C+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # CBP-1555C+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBP-1555C+ Datasheet(HTML) 2 Page - Mini-Circuits

  CBP-1555C+ Datasheet HTML 1Page - Mini-Circuits CBP-1555C+ Datasheet HTML 2Page - Mini-Circuits CBP-1555C+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
CBP-1555C+
Electrical Specifications at 25°C
CASE STYLE: MP1766
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
1555
MHz
Insertion Loss
F1-F2
1525-1585
1.10
2.50
dB
VSWR
F1-F2
1525-1585
1.43
2.32
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-1415
20
29
dB
VSWR
DC-F3
DC-1415
20
:1
Stop Band, Upper
Insertion Loss
F4-F5
1700-3600
20
27
dB
VSWR
F4-F5
1700-3600
20
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
10W
Permanent damage may occur if any of these limits are exceeded.
REV.A
M151121
CBP-1555C+
EDU1823
URJ
161012
Page 2 of 3
Typical Frequency Response
Functional Schematic
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
RF IN
RF OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
1525 to 1585 MHz
Bandpass Filter
Applications
• Aviation / Aeronautical
• Mobile satellite
• Differential GPS
• Maritime
Features
• Narrow bandwidth
• Excellent rejection
• High selectivity
• High power handling
• Miniature shielded package
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0
25
CBP-1555C+
INSERTION LOSS (Full band)
50
75
100
0
600
1200
1800
2400
3000
3600
FREQUENCY (MHz)
FREQUENCY (MHz)
100
1000
CBP-1555C+
VSWR
1
10
0
600
1200
1800
2400
3000
3600
FREQUENCY (MHz)
0.9
1.1
1.3
1525
1545
1565
1585
FREQUENCY (MHz)
0
10
CBP-1555C+
INSERTION LOSS (Pass band)
20
30
1400
1450
1500
1550
1600
1650
1700
FREQUENCY (MHz)
0.85
0.95
1.05
1525
1545
1565
1585
FREQUENCY (MHz)
7.1
7.4
CBP-1555C+
GROUP DELAY
6.2
6.5
6.8
1525
1535
1545
1555
1565
1575
1585
FREQUENCY (MHz)
1
99.52
289.53
1525
6.79
550
90.84
347.44
1528
6.68
1150
69.10
108.58
1530
6.62
1415
29.55
36.97
1532
6.56
1437
20.92
26.33
1534
6.52
1456
12.06
13.29
1536
6.47
1468
6.18
5.65
1538
6.43
1475
3.48
3.03
1540
6.40
1525
0.98
1.19
1542
6.38
1555
0.93
1.17
1544
6.36
1585
0.96
1.03
1550
6.34
1600
1.33
1.46
1553
6.36
1615
3.57
3.73
1555
6.37
1625
6.55
7.73
1558
6.40
1640
11.70
18.90
1560
6.42
1670
20.64
46.96
1565
6.48
1700
27.54
66.82
1570
6.58
1715
30.46
75.53
1575
6.71
2000
78.98
91.43
1580
6.90
3600
40.03
57.91
1585
7.18


Similar Part No. - CBP-1555C+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBP-1538J MINI-CBP-1538J Datasheet
534Kb / 3P
   Bandpass Filter
CBP-1538J++ MINI-CBP-1538J+ Datasheet
534Kb / 3P
   Bandpass Filter
More results

Similar Description - CBP-1555C+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com