Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBP-1260C Datasheet(PDF) 1 Page - Mini-Circuits

Part # CBP-1260C
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBP-1260C Datasheet(HTML) 1 Page - Mini-Circuits

  CBP-1260C Datasheet HTML 1Page - Mini-Circuits CBP-1260C Datasheet HTML 2Page - Mini-Circuits CBP-1260C Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Excellent Rejection
• Low passband Insertion Loss
• Miniature shielded package
Product Overview
CBP-1260C+ is a ceramic-coaxial-resonator based bandpass filter in a shielded package fabricated using SMT
technology. This filter offers outstanding close in rejection, low insertion loss and high power handling for use in
aviation, mobile radio, broadband and fixed wireless.
Feature
Advantages
High Selectivity
The CBP-1260C+ filter incorporates High-Q ceramic resonators that enables sharp rejection near
passband.
Low Passband VSWR
This filter maintains typical VSWR over passband frequency range making this filter easier to inte-
grate into receiver and transmitter RF chains with less concerns for in band frequency ripple.
Rugged construction
The CBP-1260C+ has been qualified over wide range of thermal, mechanical and environmental
conditions including withstanding the stress of extensive solder reflow cycles.
Key Features
CBP-1260C+
50Ω
1200 to 1320 MHz
CASE STYLE: MP1766
Bandpass Filter
Surface Mount
Page 1 of 3


Similar Part No. - CBP-1260C

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBP-1228C MINI-CBP-1228C Datasheet
475Kb / 3P
   Bandpass Filter
CBP-1228C++ MINI-CBP-1228C+ Datasheet
475Kb / 3P
   Bandpass Filter
CBP-1250C MINI-CBP-1250C Datasheet
452Kb / 3P
   Bandpass Filter
CBP-1250C++ MINI-CBP-1250C+ Datasheet
452Kb / 3P
   Bandpass Filter
CBP-1280C MINI-CBP-1280C Datasheet
760Kb / 3P
   Bandpass Filter
More results

Similar Description - CBP-1260C

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com