Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1576 Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT1576
Description  1.2mm2 uPower, Low-Jitter, 1Hz - 2.5 MHz Super-TCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1576 Datasheet(HTML) 5 Page - SiTime Corp.

  SIT1576 Datasheet HTML 1Page - SiTime Corp. SIT1576 Datasheet HTML 2Page - SiTime Corp. SIT1576 Datasheet HTML 3Page - SiTime Corp. SIT1576 Datasheet HTML 4Page - SiTime Corp. SIT1576 Datasheet HTML 5Page - SiTime Corp. SIT1576 Datasheet HTML 6Page - SiTime Corp. SIT1576 Datasheet HTML 7Page - SiTime Corp. SIT1576 Datasheet HTML 8Page - SiTime Corp. SIT1576 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SiT1576 1.2mm2 µPower, Low-Jitter, 1Hz – 2.5 MHz Super-TCXO
Rev. 1.3
Page 5 of 10
www.sitime.com
Figure 9. Supply Current vs Temperature
(FOUT = 500 kHz)
Figure 10. Supply Current vs Temperature
(FOUT = 1 MHz)
Figure 11. Supply Current vs Temperature
(FOUT = 1.85 MHz)
Figure 12. Supply Current vs Temperature
(FOUT = 2 MHz)
9
9.75
10.5
11.25
12
12.75
13.5
14.25
15
15.75
16.5
17.25
18
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VDD = 3.3V
VDD = 1.8V
10
11.5
13
14.5
16
17.5
19
20.5
22
23.5
25
26.5
28
29.5
31
32.5
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VDD = 3.3V
VDD = 1.8V
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VDD = 3.3V
VDD = 1.8V
25
28
31
34
37
40
43
46
49
52
55
58
61
64
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VDD = 1.8V
VDD = 3.3V


Similar Part No. - SIT1576

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
   uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
SIT1579 SITIME-SIT1579 Datasheet
705Kb / 8P
   1.2mm2 uPower, Low-Jitter, 1Hz ??2.5 MHz Oscillator
More results

Similar Description - SIT1576

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1579 SITIME-SIT1579 Datasheet
705Kb / 8P
   1.2mm2 uPower, Low-Jitter, 1Hz ??2.5 MHz Oscillator
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
   1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1552 SITIME-SIT1552 Datasheet
727Kb / 11P
   Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
logo
Golledge Electronics Lt...
GTXO-C75J GOLLEDGE-GTXO-C75J_18 Datasheet
589Kb / 5P
   2.5V SM Low Jitter TCXO with CMOS Output
GTXO-C75L GOLLEDGE-GTXO-C75L_18 Datasheet
589Kb / 5P
   3.3V SM Low Jitter TCXO with CMOS Output
GTXO-C75K GOLLEDGE-GTXO-C75K_18 Datasheet
590Kb / 5P
   2.8V SM Low Jitter TCXO with CMOS Output
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
SiTime Corp.
SIT8021 SITIME-SIT8021 Datasheet
415Kb / 10P
   1 to 26 MHz, Ultra-Small uPower Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com