Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1572 Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT1572
Description  uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1572 Datasheet(HTML) 5 Page - SiTime Corp.

  SIT1572 Datasheet HTML 1Page - SiTime Corp. SIT1572 Datasheet HTML 2Page - SiTime Corp. SIT1572 Datasheet HTML 3Page - SiTime Corp. SIT1572 Datasheet HTML 4Page - SiTime Corp. SIT1572 Datasheet HTML 5Page - SiTime Corp. SIT1572 Datasheet HTML 6Page - SiTime Corp. SIT1572 Datasheet HTML 7Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SiT1572 µPower, Ultra-Small 32.768 kHz ±50 ppm Oscillator
PRELIMINARY
Rev 0.9
Page 5 of 7
www.sitime.com
Dimensions and Patterns
Package Size
– Dimensions (Unit: mm)
Recommended Land Pattern (Unit: mm)
#1
#2
#4
#3
(soldermask openings shown with
dashed line around NSMD pad)
Recommended 4-mil (0.1mm) stencil thickness
Manufacturing Guidelines
1) No Ultrasonic or Megasonic cleaning: Do not subject SiT1572 to an ultrasonic or megasonic cleaning environment.
Permanent damage or long term reliability issues may occur.
2) Applying board-level underfill and overmold is acceptable and will not impact the reliability of the device.
3) Reflow profile, perJESD22-A113D.
4) The SiT1572 CSP includes a protective, opaque polymer top-coat. If the SiT1572 will see intense light, especially in the
1.0-1.2
µm IR spectrum, we recommend a protective “glob-top” epoxy or other cover to keep the light from negatively
impacting the frequency stability.
5) For additional manufacturing guidelines and marking/tape-reel instructions, refer to SiTime Manufacturing Notes.


Similar Part No. - SIT1572

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1576 SITIME-SIT1576 Datasheet
1Mb / 10P
   1.2mm2 uPower, Low-Jitter, 1Hz - 2.5 MHz Super-TCXO
SIT1579 SITIME-SIT1579 Datasheet
705Kb / 8P
   1.2mm2 uPower, Low-Jitter, 1Hz ??2.5 MHz Oscillator
More results

Similar Description - SIT1572

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1569 SITIME-SIT1569 Datasheet
686Kb / 7P
   uPower, Ultra-Small 1 Hz - 460 kHz (-)50 ppm Oscillator
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
   1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
   Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
   20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
logo
TXC Corporation.
8WZ TXC-8WZ Datasheet
949Kb / 1P
   Ultra small 32.768 kHz RTC oscillator in seam sealed ceramic package.
7XZ TXC-7XZ Datasheet
930Kb / 1P
   Ultra small 32.768 kHz RTC oscillator in seam sealed ceramic package.
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
logo
Integrated Circuit Syst...
MK3200 ICST-MK3200 Datasheet
36Kb / 4P
   32.768 kHz Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com