Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1532 Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT1532
Description  Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1532 Datasheet(HTML) 5 Page - SiTime Corp.

  SIT1532 Datasheet HTML 1Page - SiTime Corp. SIT1532 Datasheet HTML 2Page - SiTime Corp. SIT1532 Datasheet HTML 3Page - SiTime Corp. SIT1532 Datasheet HTML 4Page - SiTime Corp. SIT1532 Datasheet HTML 5Page - SiTime Corp. SIT1532 Datasheet HTML 6Page - SiTime Corp. SIT1532 Datasheet HTML 7Page - SiTime Corp. SIT1532 Datasheet HTML 8Page - SiTime Corp. SIT1532 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SiT1532 Smallest Footprint (1.2mm2) CSP, 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
Rev 1.26
Page 5 of 12
www.sitime.com
Power-up
The SiT1532 starts-up to a valid output frequency within
300 ms (180 ms typ). To ensure the device starts-up within
the specified limit, make sure the power-supply ramps-up in
approximately 10
– 20 ms (to within 90% of Vdd). Start-up time
is measured from the time Vdd reaches 1.5V. For applications
that operate between 1.2V and 1.5V, the start-up time will be
typically 50 ms longer over temperature.
SiT1532 Nan
oDrive™
Figure 4 shows a typical output waveform of the SiT1532
(into a 10 pF load) when factory programmed for a 0.70V
swing and DC bias (VOH/VOL) for 1.8V logic:
Example:
NanoDrive™ part number coding: D14.
Example part number: SiT1532AI-J4-D14-32.768
VOH = 1.1V, VOL = 0.4V (V_sw = 0.70V)
Figure 4. SiT1532AI-J4-D14-32.768
Output Waveform (10 pF load)
Table 4
shows the supported NanoDrive™ V
OH, VOL factory
programming options.
Table 4. Acceptable VOH/VOL NanoDrive™ Levels
NanoDrive
VOH (V)
VOL (V)
Swing (mV)
Comments
D26
1.2
0.6
600 ±55
1.8V logic compatible
D14
1.1
0.4
700 ±55
1.8V logic compatible
D74
0.7
0.4
300 ±55
XTAL compatible
AA3
n/a
n/a
300 ±55
XTAL compatible
The values listed in Table 4 are nominal values at 25°C and
will exhibit a tolerance of ±55 mV across Vdd and -40°C to
85°C operating temperature range.
SiT1532 Full Swing LVCMOS Output
The SiT1532 can be factory programmed to generate
full-swing LVCMOS levels. Figure 5 shows the typical
waveform (Vdd = 1.8V) at room temperature into a
15 pF load.
Example:
LVCMOS output part number coding is always
DCC
Example part number: SiT1532AI-J4-DCC-32.768
Figure 5. LVCMOS Waveform
(Vdd = 1.8V) into 15 pF Load


Similar Part No. - SIT1532

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
   20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
   Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
More results

Similar Description - SIT1532

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1552 SITIME-SIT1552 Datasheet
727Kb / 11P
   Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
   20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
logo
MMD Components
IM890 MMD-IM890 Datasheet
1Mb / 10P
   MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
logo
SiTime Corp.
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
   1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
   uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
   Ultra low consumption 32.768 kHz
logo
SiTime Corp.
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
   Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
   low consumption 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com