Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

401-2208 Datasheet(PDF) 1 Page - Dow-Key Microwave Corporation

Part No. 401-2208
Description  SMA-FEMALE CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOW-KEY [Dow-Key Microwave Corporation]
Direct Link  http://www.dowkey.com/
Logo DOW-KEY - Dow-Key Microwave Corporation

401-2208 Datasheet(HTML) 1 Page - Dow-Key Microwave Corporation

  401-2208 Datasheet HTML 1Page - Dow-Key Microwave Corporation 401-2208 Datasheet HTML 2Page - Dow-Key Microwave Corporation 401-2208 Datasheet HTML 3Page - Dow-Key Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
J
REVISED PER ECO 8270
3/28/06
J.S.
K
REVISED AND REDRAWN PER ECO 11487
6/6/16
K.R.
20 Vdc
24 Vdc
401-2808
401-2308
KK
K
NONE
3
1
SWITCH, SPDT, FAILSAFE
401-2X08
12 Vdc
401-2208
SARA LEE
05/24/16
G. NICKLAUS
6/2/2016
S. LYNCH
6/2/2016
J. LEE
6/6/2016
SMA-FEMALE CONNECTORS
401-2908
15 Vdc
401-2708
28 Vdc
Coil Voltage
Part Number
04-0004 REV. C 5/27/10
401-2308
Ventura, CA. 93003-5641
DATE
MANUFACTURING
QUALITY
ENGINEERING
DRAWN
APPROVALS
SHEET NO.
REVISIONS
123
PH: (805) 650-0260
FINAL ASSY:
SCALE
00471
CODE IDENT. NO.
FAX: (805) 650-1734
DWG. NO.
4822 McGrath Street
OF
SHEET
Nominal
TECHNOLOGIES COMPANY


Similar Part No. - 401-2208

ManufacturerPart No.DatasheetDescription
Dow-Key Microwave Corporation
Dow-Key Microwave Corpo...
401-220802A DOW-KEY-401-220802A Datasheet
55Kb / 3P
   SMA-FEMALE CONNECTORS
More results

Similar Description - 401-2208

ManufacturerPart No.DatasheetDescription
Dow-Key Microwave Corporation
Dow-Key Microwave Corpo...
411CJW-420832 DOW-KEY-411CJW-420832 Datasheet
155Kb / 3P
   SMA-FEMALE CONNECTORS
521U-2208 DOW-KEY-521U-2208 Datasheet
224Kb / 3P
   SMA-FEMALE CONNECTORS
461JLW-4208 DOW-KEY-461JLW-4208 Datasheet
158Kb / 3P
   SMA-FEMALE CONNECTORS
581JW-420822 DOW-KEY-581JW-420822 Datasheet
154Kb / 3P
   SMA-FEMALE CONNECTORS
581JW-4208 DOW-KEY-581JW-4208 Datasheet
153Kb / 3P
   SMA-FEMALE CONNECTORS
401-220802A DOW-KEY-401-220802A Datasheet
55Kb / 3P
   SMA-FEMALE CONNECTORS
401JW-4208 DOW-KEY-401JW-4208 Datasheet
149Kb / 3P
   SMA-FEMALE CONNECTORS
401JW-420832 DOW-KEY-401JW-420832 Datasheet
144Kb / 3P
   SMA-FEMALE CONNECTORS
411CJW-4208 DOW-KEY-411CJW-4208 Datasheet
147Kb / 3P
   SMA-FEMALE CONNECTORS
Winchester Electronics Corporation
Winchester Electronics ...
910A104F WINCHESTER-910A104F Datasheet
215Kb / 1P
   SMA Connectors
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz