Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

401-2208 Datasheet(PDF) 3 Page - Dow-Key Microwave Corporation

Part No. 401-2208
Description  SMA-FEMALE CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOW-KEY [Dow-Key Microwave Corporation]
Direct Link  http://www.dowkey.com/
Logo DOW-KEY - Dow-Key Microwave Corporation

401-2208 Datasheet(HTML) 3 Page - Dow-Key Microwave Corporation

  401-2208 Datasheet HTML 1Page - Dow-Key Microwave Corporation 401-2208 Datasheet HTML 2Page - Dow-Key Microwave Corporation 401-2208 Datasheet HTML 3Page - Dow-Key Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-
2
+
1
NO
COM
NC
DC - 1
1 - 4
4 - 8
8 - 12
12 - 18
1.10:1
1.15:1
1.20:1
1.30:1
1.35:1
0.10
0.15
0.20
0.30
0.35
85
80
70
65
60
200
125
90
75
60
50 OHMS
15mS MAX
FAILSAFE
SPDT
BREAK BEFORE MAKE
1.2oz (34g) NOMINAL
1,000,000 CYCLES MINIMUM
-25 C TO +65 C
-55 C TO +85 C
EPOXY SEAL
1.0 RF CHARACTERISTICS:
1.1 FREQUENCY (GHz)
1.2 VSWR (RATIO MAX)
1.3 INSERTION LOSS (dB MAX)
1.4 ISOLATION (dB MIN)
1.5 RF POWER (WATTS CW MAX)
AT SEA LEVEL, +25 C, LOAD VSWR 1:1
1.6 IMPEDANCE (NOMINAL)
2.3 OPERATING MODE
2.2 SWITCHING TIME
2.0 ACTUATION DATA:
2.1
3.1 CONTACT ARRANGEMENT
3.2 RF CONTACTS
3.4 DESIGN LIFE
3.3 WEIGHT
3.0 MECHANICAL:
4.2 STORAGE TEMPERATURE
4.0 ENVIRONMENTAL:
4.1 OPERATING TEMPERATURE
NOMINAL
VOLTAGE
OPERATING
VOLTAGE
CURRENT (NOMINAL)
@ NOMINAL VOLTAGE & 25 C
12
11-14
185mA
15
13-17
160mA
20
17-23
140mA
24
20-28
120mA
28
24-32
90mA
SWITCH SHOWN IN THE DE-ENERGIZED POSITION
4.3 SEAL:
K
NONE
3
3
401-2X08
FINAL ASSY:
SCHEMATIC:
04-0004 REV. C 5/27/10
REV.
SHEET
OF
DWG. NO.
SCALE
00471
CODE IDENT. NO.
401-2308
SPECIFICATION:


Similar Part No. - 401-2208

ManufacturerPart No.DatasheetDescription
Dow-Key Microwave Corporation
Dow-Key Microwave Corpo...
401-220802A DOW-KEY-401-220802A Datasheet
55Kb / 3P
   SMA-FEMALE CONNECTORS
More results

Similar Description - 401-2208

ManufacturerPart No.DatasheetDescription
Dow-Key Microwave Corporation
Dow-Key Microwave Corpo...
411CJW-420832 DOW-KEY-411CJW-420832 Datasheet
155Kb / 3P
   SMA-FEMALE CONNECTORS
521U-2208 DOW-KEY-521U-2208 Datasheet
224Kb / 3P
   SMA-FEMALE CONNECTORS
461JLW-4208 DOW-KEY-461JLW-4208 Datasheet
158Kb / 3P
   SMA-FEMALE CONNECTORS
581JW-420822 DOW-KEY-581JW-420822 Datasheet
154Kb / 3P
   SMA-FEMALE CONNECTORS
581JW-4208 DOW-KEY-581JW-4208 Datasheet
153Kb / 3P
   SMA-FEMALE CONNECTORS
401-220802A DOW-KEY-401-220802A Datasheet
55Kb / 3P
   SMA-FEMALE CONNECTORS
401JW-4208 DOW-KEY-401JW-4208 Datasheet
149Kb / 3P
   SMA-FEMALE CONNECTORS
401JW-420832 DOW-KEY-401JW-420832 Datasheet
144Kb / 3P
   SMA-FEMALE CONNECTORS
411CJW-4208 DOW-KEY-411CJW-4208 Datasheet
147Kb / 3P
   SMA-FEMALE CONNECTORS
Winchester Electronics Corporation
Winchester Electronics ...
910A104F WINCHESTER-910A104F Datasheet
215Kb / 1P
   SMA Connectors
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz