Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

47NF4K5E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part No. 47NF4K5E
Description  All-welded construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

47NF4K5E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  47NF4K5E Datasheet HTML 1Page - Ohmite Mfg. Co. 47NF4K5E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
86
0.1
–––R10         
0.15 –––R15         
0.2
–––R20         
0.25 –––R25
 
0.3
–––R30         
0.33 –––R33
 
0.4
–––R40
       
0.5
–––R50         
0.75 –––R75         
1
–––1R0         
1.5
–––1R5         
2
–––2R0         
2.2
–––2R2         
3
–––3R0         
4
–––4R0         
5
–––5R0         
7.5
–––7R5         
10
–––10R         
12
–––12R         
15
–––15R         
18
–––18R         
20
–––20R         
22
–––22R         
25
–––25R         
27
–––27R         
30
–––30R         
33
–––33R         
35
–––35R         
39
–––39R         
40
–––40R         
47
–––47R         
50
–––50R         
56
–––56R         
62
–––62R         
=Standardvalues
=Non-standardvaluessubjecttomini-
mumhandlingchargeperitem
Shadedvalues
involveveryfine
resistancewire
andshouldnot
beusedincriti-
calapplications
withoutburn-in
and/orthermal
cycling.
1%Tolerance
5%Tolerance
Wattage and Tolerance
Part No.
Prefix
Suffix
1%Tolerance
5%Tolerance
Wattage and Tolerance
Part No.
Prefix
Suffix
2,200 –––2K2         
2,500 –––2K5         
2,700 –––2K7         
3,000 –––3K0         
3,300 –––3K3
  
  
3,500 –––3K5
  
  
3,900 –––3K9
  
  
4,000 –––4K0
  
  
4,500 –––4K5
  
  
4,700 –––4K7
  
  
5,000 –––5K0
  
  
6,000 –––6K0
  
  
6,800 –––6K8
  
  
7,000 –––7K0
  
  
7,500 –––7K5
  
  
8,000 –––8K0
  
  
9,000 –––9K0
  
  
10,000 –––10K
  
  
12,000 –––12K
 
13,000 –––13K
 
15,000 –––15K
 
17,000 –––17K
 
20,000 –––20K
 
22,000 –––22K
 
25,000 –––25K
 
30,000 –––30K
 
33,000 –––33K
35,000 –––35K
40,000 –––40K
50,000 –––50K
68 –––68R         
75 –––75R         
82 –––82R         
100 –––100         
120 –––120         
125 –––125         
150 –––150         
180 –––180         
200 –––200         
220 –––220         
225 –––225         
250 –––250         
270 –––270         
300 –––300         
330 –––330         
350 –––350         
390 –––390         
400 –––400         
450 –––450         
470 –––470         
500 –––500         
560 –––560         
600 –––600         
680 –––680         
750 –––750         
800 –––800         
820 –––820         
900 –––900         
1,000 –––1K0         
1,100 –––1K1         
1,200 –––1K2         
1,500 –––1K5         
1,800 –––1K8         
2,000 –––2K0         
1%Tolerance
5%Tolerance
Wattage and Tolerance
Part No.
Prefix
Suffix
41 N JR10E
40 Series
Ohmicone®
Silicone Ceramic
Conformal Axial
Term. Wirewound
Resistance Value
R10= 0.10Ω
1R0= 1.0Ω
10R =10.0Ω
250 =
250Ω
1K0= 1,000Ω
4K5= 4,500Ω
50K = 50,000Ω
Tolerance
F= 1%
J= 5%
RoHS
Compliant
Wattage
1= 1W
2
3
5
7
0= 10W
Non-Inductive
Winding
Optional (blank
= std. winding)
O r D eri NG i NFO rmati ON
40 Series
Ohmicone® Silicone-Ceramic Conformal
Axial Terminal Wirewound
1% and 5% Tolerance Standard
Standard part numbers


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn