Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA15W-050L6 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAA15W-050L6
Description  15 Watt Universal 2-Wire Input Desktop Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA15W-050L6 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAA15W-050L6 Datasheet HTML 1Page - Phihong USA Inc. PSAA15W-050L6 Datasheet HTML 2Page - Phihong USA Inc. PSAA15W-050L6 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision 12/6/2017
WWW.PHIHONG.COM
15 Watt Universal 2-Wire Input Desktop Adapter
Features
 No Load Power Saving ≤0.075W
 <0.25mA Leakage Current
 Efficiency Level VI Compliant
 Compact Size
 Class B EMI
Applications
 Portable Equipment
 Low-Power Computers
 Peripherals and Terminals
 Networking
Safety Approvals
 CE
 cUL/UL
 CB
Mechanical Characteristics
 Length: 81.2mm (3.19in)
 Height: 29.8mm (1.17in)
 Width: 50mm (1.96in)
 Weight: 140g (4.94oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for
the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
Regulation
Min.
Max.
P-P (max.)
Line & Load
PSAA15W-050L6
5V
0A
3.00A
70mV
±5%
PSAA15W-120L6
12V
0A
1.25A
120mV
±5%
PSAA15W-180L6
18V
0A
0.83A
180mV
±5%
PSAA15W-240L6
24V
0A
0.63A
240mV
±5%
PSAA15W-480L6
48V
0A
0.31A
480mV
±5%


Similar Part No. - PSAA15W-050L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA15W-050L6 PHIHONG-PSAA15W-050L6 Datasheet
167Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter PSAA15W Single Output Series Meets Level VI Requirements
More results

Similar Description - PSAA15W-050L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA15W-V PHIHONG-PSAA15W-V Datasheet
103Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
logo
Volgen Kaga Electronics...
KTPS90-2437 VOLGEN-KTPS90-2437 Datasheet
430Kb / 2P
   90 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
   65 Watt Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
   50 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
   65 Watt Universal Input, Desktop Adapter
KTPS65-1250DT-3P VOLGEN-KTPS65-1250DT-3P Datasheet
113Kb / 2P
   65 Watt Universal Input, Desktop Adapter
KTPS200-12160 VOLGEN-KTPS200-12160 Datasheet
237Kb / 3P
   200 Watt Universal Input, Desktop Adapter
logo
Phihong USA Inc.
PSAC45W PHIHONG-PSAC45W Datasheet
177Kb / 2P
   45 Watt Universal 2-Wire Input Adapter
PSM36W-120TW2 PHIHONG-PSM36W-120TW2 Datasheet
123Kb / 2P
   36 Watt Universal 2-Wire Input Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com