Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45NF50KE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 45NF50KE
Description  All-welded construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

45NF50KE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  45NF50KE Datasheet HTML 1Page - Ohmite Mfg. Co. 45NF50KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
85
40 Series
Ohmicone® Silicone-Ceramic Conformal
Axial Terminal Wirewound
1% and 5% Tolerance Standard
Coating Conformal silicone-ceramic.
Core Ceramic.
Terminals Solder-coated copper clad axial. RoHS solder composition is 96% Sn, 3.5% Ag, 0.5% Cu
Derating Linearly from 100% @ +25°C to 0% @ +275°C.
Tolerance ±5% (J type), ±1% (F type) (other tolerances available).
Power rating Based on 25°C free air rating
Overload Under 5 watts: 5 times rated wattage for 5 seconds. 5 watts and over: 10 times rated wattage for 5 seconds.
Temperature coefficient Under 1Ω: ±90 ppm/°C; 1Ω to 9.99Ω: ±50 ppm/°C; 10Ω and over: ±20 ppm/°C
Series
Wattage
Length
Diam.
Lead ga.
41
1.0
0.437 / 11.1
0.125 / 3.2
24
42
2.0
0.406 / 10.3
0.219 / 5.6
20
43
3.0
0.593 / 15.1
0.219 / 5.6
20
45
5.0
0.937 / 23.8
0.343 / 8.7
18
47
7.0
1.280 / 32.5
0.343 / 8.7
18
40
10.0
1.900 / 48.3
0.406 / 10.3
18
Series
Wattage
Ohms
Voltage
41
1.0
0.10-6K
150
42
2.0
0.10-8K
100
43
3.0
0.10-20K
200
45
5.0
0.10-70K
460
47
7.0
0.10-80K
670
40
10.0
0.10-150K
1000
Non-Inductive versions available. Insert “N” before tolerance code.
Example: 42NJ27R
LD
1.5 in. / 38.1mm
F e a t u r e S
•Economical
•Applicationsincludecommercial,industrialand
communicationsequipment
•Stabilityunderhightemperatureconditions
•All-weldedconstruction
•RoHScompliant;add“E”suffixtopartnumberto
specify.
Ohmite40Seriesresistorsarethemosteconomical
conformalsilicone-ceramiccoatedresistorsoffered.
Theseall-weldedunitsarecharacterizedbytheirlow
temperaturecoefficientsandresistancetothermal
shock,makingthemidealforawiderangeofelectri-
calandelectronicapplications.
Unitswith1%and5%tolerancesareidenticalin
constructionandelectricalspecifications.Durable
buteconomical40Seriesresistorsexceedindustry
requirementsforquality.
Chara C teri S ti CS
Serie S SP e C i F i C ati ONS
Dime NS i ONS
(in./mm max.)
(continued)


Similar Part No. - 45NF50KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
45NF50KE OHMITE-45NF50KE Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
More results

Similar Description - 45NF50KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
   All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
   All-welded construction
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
   All-welded construction
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
   All-welded construction.
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
   All welded construction
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
   All-welded unit construction
logo
Ohmite Mfg. Co.
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
   Welded construction
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
logo
New Jersey Semi-Conduct...
MR5005 NJSEMI-MR5005 Datasheet
86Kb / 1P
   Welded hermetically sealed construction
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
   Inductive welded construction epoxy dip coated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com