Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20J50KE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 20J50KE
Description  All-welded construction.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

20J50KE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  20J50KE Datasheet HTML 1Page - Ohmite Mfg. Co. 20J50KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
83
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
=Standardvalues
=Non-standardvaluessubjecttominimumhandlingchargeperitem
Shadedvaluesinvolveveryfineresistancewireandshouldnotbe
usedincriticalapplicationswithoutburn-inand/orthermalcycling.
0.10 –––R10
0.13 –––R13
0.15 –––R15
0.20 –––R20
0.25 –––R25
0.30 –––R30
0.33 –––R33
0.50 –––R50
0.75 –––R75
1
––– 1R0 
1.5 –––1R5
2
–––2R0
2.2 –––2R2
3
–––3R0
4
–––4R0
5
–––5R0
7.5 –––7R5
10
–––10R
12
–––12R
15
–––15R
18
–––18R
20
–––20R
22
–––22R
25
–––25R
27
–––27R
30
–––30R
33
–––33R
35
–––35R
39
–––39R
40
–––40R
47
–––47R
50
–––50R
56
–––56R
62
–––62R
68
–––68R
75
–––75R
82
–––82R
100
–––100
120
–––120
125
–––125
150
–––150
180
–––180
200
–––200
220
–––220
225
–––225
250
–––250
270
–––270
300
–––300
330
–––330
350
–––350
390
–––390
400
–––400
450
–––450
470
–––470
500
–––500
560
–––560
600
–––600
680
–––680
750
–––750
800
–––800
820
–––820
900
–––900
1,000
–––1K0
1,100
–––1K1
1,200
–––1K2
1,500
–––1K5
1,800
–––1K8
2,000
–––2K0
2,200
–––2K2
2,500
–––2K5
2,700
–––2K7
3,000
–––3K0
3,300
–––3K3
3,500
–––3K5
3,900
–––3K9
4,000
–––4K0
4,500
–––4K5
4,700
–––4K7
5,000
–––5K0
6,000
–––6K0
6,800
–––6K8
7,000
–––7K0
7,500
–––7K5
8,000
–––8K0
9,000
–––9K0
10,000
–––10K
12,000
–––12K
13,000
–––13K
15,000
–––15K
17,000
–––17K
20,000
–––20K
22,000
–––22K
25,000
–––25K
30,000
–––30K
33,000
–––33K
35,000
–––35K
40,000
–––40K
50,000
–––50K
21JR10E
20 Series
Vitreous Enamel
Axial Lead
Wirewound
Resistance Value
R10 = 0.10Ω
1R0 = 1.0Ω
10R =10.0Ω
250 =
250Ω
1K0 = 1,000Ω
4K5 = 4,500Ω
50K = 50,000Ω
Tolerance
J = 5%
RoHS Compliant
Wattage
1= 1W
2
3
5
7
0= 10W
or D erin G in F ormation
Standard part numbers
20 Series
Vitreous Enamel Conformal Axial
Terminal Wirewound, 5% Tolerance Std.


Similar Part No. - 20J50KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
20J50KE OHMITE-20J50KE Datasheet
194Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
20J50KE OHMITE-20J50KE Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
More results

Similar Description - 20J50KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
   All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
   All-welded construction
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
   All-welded construction
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
   All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
   All welded construction
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
   All-welded unit construction
logo
Ohmite Mfg. Co.
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
   Welded construction
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
logo
New Jersey Semi-Conduct...
MR5005 NJSEMI-MR5005 Datasheet
86Kb / 1P
   Welded hermetically sealed construction
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
   Inductive welded construction epoxy dip coated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com