Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5CB10KE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 5CB10KE
Description  Centohm Coated Axial Terminal Wirewound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

5CB10KE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  5CB10KE Datasheet HTML 1Page - Ohmite Mfg. Co. 5CB10KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
91
Axiohm
Centohm Coated
Axial Terminal Wirewound
Coating Flameproof proprietary Centohm
Core Ceramic
Element Copper-nickel alloy or nickel-chrome alloy depending on
resistance value
End Cap Stainless steel
Terminals Tinned Copper weld. RoHS solder composition is 96% Sn,
3.5% Ag, 0.5% Cu
Derating Linearly from 100% @ +25°C to 0% @ +350°C.
Tolerance ±5% (Std) down to 0.1% available.
Power rating Based on 25°C free air rating (other wattages available).
Overload Under 5 watts: 5 times rated wattage for 5 seconds. 5 watts
and over: 10 times rated wattage for 5 seconds.
Temperature coefficient ±30ppm /°C above 10Ω
±100ppm/°C 1 to 10Ω
±200ppm/°C below 1Ω
Watt
Resistance
Standard
Dielectric
Maximum
Rating
Range (
Ω)
Resistance
Withstanding
Voltage
Form
Min. Max.
Tolerance
Voltage
Rating
1C
0.1
4K
±5%
500
100
2C
0.1 10K
±5%
500
300
3C
0.1 20K
±5%
500
450
4C
0.1 30K
±5%
500
600
5C
0.1 40K
±5%
500
800
7C
0.1 50K
±5%
500
875
10C
0.1 90K
±5%
500
1600
Ohmite’s Axiohm resis-
tors are Centohm coated
for maximum reliability.
These all-welded units
are characterized by their
low temperature coef-
ficients and resistance to
thermal shock, making
them ideal for a wide
range of electrical and
electronic applications.
F e A t u r e s
•Weldedconstruction
•Inorganicandnon-hygroscopic,
Centohm coating seals and protects
the resistance wire.
•ExceedsMIL-R-26moisturerequire-
ments
•CentohmResistorsaredesignedto
meet and exceed performance charac-
teristics of vitreous enamel resistors.
•Centohmismorecosteffectivethan
vitreous enamel.
•±5%resistancetolerance
Opti O ns
Noninductive: This specially
designed version is wound using
the Ayrton-Perry method.
Resistance Tolerances: Options
include5%,1%,0.5%,0.25%,and
0.1%resistors.
Terminal Sizes: Alternate terminal
diameters available.
Tape and Reel: Resistorstapedfor
automatic insertion. Contact Ohmite
forsize,quantityandorderinginfor-
mation
s eries speci F ic Ati O ns
c h A r A cteristics
(continued)


Similar Description - 5CB10KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
5NCJ10KE OHMITE-5NCJ10KE Datasheet
123Kb / 1P
   Centohm Coated Axial Terminal Wirewound
logo
Vishay Siliconix
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 24-Feb-12
MRP VISHAY-MRP Datasheet
87Kb / 3P
   Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
MRB VISHAY-MRB Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 09-Jan-12
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com