Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP313C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP313C
Description  Single-Chip CMOS Microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP313C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP313C Datasheet HTML 1Page - National Semiconductor (TI) COP313C Datasheet HTML 2Page - National Semiconductor (TI) COP313C Datasheet HTML 3Page - National Semiconductor (TI) COP313C Datasheet HTML 4Page - National Semiconductor (TI) COP313C Datasheet HTML 5Page - National Semiconductor (TI) COP313C Datasheet HTML 6Page - National Semiconductor (TI) COP313C Datasheet HTML 7Page - National Semiconductor (TI) COP313C Datasheet HTML 8Page - National Semiconductor (TI) COP313C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLDD8537
November 1990
COP413CCOP413CHCOP313CCOP313CH
Single-Chip CMOS Microcontrollers
General Description
The COP413C COP413CH COP313C and COP313CH ful-
ly static single-chip CMOS microcontrollers are members of
the COPSTM family fabricated using double-poly silicon-
gate CMOS technology These controller-oriented proces-
sors are complete microcomputers containing all system
timing internal logic ROM RAM and IO necessary to im-
plement dedicated control functions in a variety of applica-
tions Features include single supply operation with an in-
struction set internal architecture and IO scheme de-
signed to facilitate keyboard input display output and BCD
data manipulation
The COP413CH is identical to the
COP413C except for operating voltage and frequency They
are an appropriate choice for use in numerous human inter-
face control environments Standard test procedures and
reliable high-density fabrication techniques provide a cus-
tomized controller-oriented processor at a low end-product
cost
The COP313CCOP313CH is the extended temperature
range version of the COP413CCOP413CH
For emulation use the ROMless COP404C
Features
Y
Lowest power dissipation (40 mW typical)
Y
Low cost
Y
Power-saving HALT Mode
Y
Powerful instruction set
Y
512 x 8 ROM 32x4RAM
Y
15 IO lines
Y
Two-level subroutine stack
Y
DC to 4 ms instruction time
Y
Single supply operation (3V to 55V)
Y
General purpose and TRI-STATE
outputs
Y
Internal binary counter register with MICROWIRETM
compatible serial IO
Y
Softwarehardware compatible with other members of
the COP400 family
Y
Extended temperature (b40 Cto a85 C) devices
available
Block Diagram
TLDD8537 – 1
FIGURE 1 COP413C413CH
TRI-STATE
is a registered trademark of National Semiconductor Corp
COPSTM MICROWIRETM and STARPLEXTM are trademarks of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - COP313C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP310C NSC-COP310C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
COP310L NSC-COP310L Datasheet
331Kb / 20P
   Single-Chip N-Channel Microcontrollers
COP311C NSC-COP311C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
COP311L NSC-COP311L Datasheet
331Kb / 20P
   Single-Chip N-Channel Microcontrollers
More results

Similar Description - COP313C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com