Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1400 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1400
Description  7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1400 Datasheet HTML 1Page - Monolithic Power Systems MP1400 Datasheet HTML 2Page - Monolithic Power Systems MP1400 Datasheet HTML 3Page - Monolithic Power Systems MP1400 Datasheet HTML 4Page - Monolithic Power Systems MP1400 Datasheet HTML 5Page - Monolithic Power Systems MP1400 Datasheet HTML 6Page - Monolithic Power Systems MP1400 Datasheet HTML 7Page - Monolithic Power Systems MP1400 Datasheet HTML 8Page - Monolithic Power Systems MP1400 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP1400
7V Input, 0.6A Peak, 1.5MHz
Negative DCDC Power Converter
In 8-ball CSP Package
MP1400 Rev.1.1
www.MonolithicPower.com
1
5/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1400 is a monolithic negative DCDC
power converter with built-in internal power
MOSFET. The DC-DC IC has a tiny surface
mount 0.8mm x 1.6mm 8-ball CSP package. It
achieves up to 600mA peak output current from
a 2.7V to 7V input voltage. The output voltage
can be regulated from -0.9V to
-6V.
The 1500 kHz switching frequency allows for
smaller external components producing a
compact solution for a wide range of load
currents. The internal compensation and soft
start minimizes the external component count
and limits the inrush current during startup.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
FEATURES
 Wide 2.7V to 7V Operating Input Range
Output Adjustable from -0.9V to -6V
 Up to 600mA Peak Output Current
 300mΩ High Side MOSFET On Resistance
 Default 1.5MHz Switching Frequency
 Ground Reference Enable
 Cycle-by-Cycle Over Current Protection
 Short Circuit Protect with Hiccup Mode
 Output Voltage Discharge
 Output Over Voltage Protection
 Available in a 0.8mm x 1.6mm 8-ball CSP
Package
APPLICATIONS
 General Negative Voltage
 HDD
 Small OLED Panel
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1400
105K
24.9K
4.7uH
EN
REF
VOUT
10uF
EN
IN
SW
GND
FB
VOUT
VIN
GND
D1
16V
MBR230
R3
100K
C1A
R1
R2
22uF
16V
C2A
L1
GND
GND
GND
GND


Similar Part No. - MP1400

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MP1400-0-FH MSYSTEM-MP1400-0-FH Datasheet
88Kb / 4P
   RTD INPUT LIMIT ALARM
MP1400-0-FR MSYSTEM-MP1400-0-FR Datasheet
88Kb / 4P
   RTD INPUT LIMIT ALARM
MP1400-0-FT MSYSTEM-MP1400-0-FT Datasheet
88Kb / 4P
   RTD INPUT LIMIT ALARM
MP1400-0-FV MSYSTEM-MP1400-0-FV Datasheet
88Kb / 4P
   RTD INPUT LIMIT ALARM
MP1400-0-FX MSYSTEM-MP1400-0-FX Datasheet
88Kb / 4P
   RTD INPUT LIMIT ALARM
More results

Similar Description - MP1400

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1400-C-01A MPS-EV1400-C-01A Datasheet
376Kb / 5P
   7V Input, 0.6A, 1.5MHz Negative Power Convertor Evaluation Board
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
   1.2A 1.5MHz 7V Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
   1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
   1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
   1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
   1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Texas Instruments
LMZ35003 TI1-LMZ35003 Datasheet
1Mb / 30P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com