Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T521D685M063ATE075 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. T521D685M063ATE075
Description  T521, Tantalum, Polymer Tantalum, 6.8 uF, 20%, 63 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 7343, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T521D685M063ATE075 Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: T521D685M063ATE075
T521, Tantalum, Polymer Tantalum, 6.8 uF, 20%, 63 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 7343,
Height Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 434.83 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Supplier: KEMET
Series: T521
Dielectric: Polymer Tantalum
Style: SMD Chip
Description: SMD, Polymer, Molded, Low
ESR, Non-Combustible
Features: Low ESR, High Voltage
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 6.8 uF
Capacitance Tolerance: 20%
Voltage DC: 63 VDC (105C), 42.21 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 75 mOhms (100kHz 25C)
Current:
1700 mAmps (100kHz 45C),
1190 mAmps (85C), 425 mAmps
(125C)
Leakage Current: 42.8 uA (5min 25C)
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/22/2018 - 53df6a2e-3fe2-4c8e-b1d3-a9bf00cfed53


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn