Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0808C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC0808C
Description  CryptoMemory 8 Kbit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC0808C Datasheet HTML 1Page - ATMEL Corporation AT88SC0808C Datasheet HTML 2Page - ATMEL Corporation AT88SC0808C Datasheet HTML 3Page - ATMEL Corporation AT88SC0808C Datasheet HTML 4Page - ATMEL Corporation AT88SC0808C Datasheet HTML 5Page - ATMEL Corporation AT88SC0808C Datasheet HTML 6Page - ATMEL Corporation AT88SC0808C Datasheet HTML 7Page - ATMEL Corporation AT88SC0808C Datasheet HTML 8Page - ATMEL Corporation AT88SC0808C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AT88SC0808C
2024DS–SMEM–04/03
Configuration Zone
The configuration zone consists of 2048 bits of EEPROM memory used for storing pass-
words, keys and codes and defining security levels to be used for each user zone.
Access rights to the configuration zone are defined in the control logic and may not be
altered by the user.
Security Fuses
There are three fuses on the device that must be blown during the device personaliza-
tion process. Each fuse locks certain portions of the configuration zone as OTP
memory. Fuses are designed for the module manufacturer, card manufacturer and card
issuer and should be blown in sequence, although all programming of the device and
blowing of the fuses may be performed at one final step.
Table 3. Configuration Zone
Component
Address
Answer to Reset
$00
Fab Code
Memory Test Zone
Card Manufacturers Code
Lot History Code
Device Configuration Register
$18
Identification Number
Access Registers
Password/Key Registers
Issuer Code
Authentication Attempts Counters
$50
Cryptograms
Session Encryption Keys
Secret Seeds
Password Attempts Counters
$B0
Write Passwords
Read Passwords
Reserved


Similar Part No. - AT88SC0808C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808C ATMEL-AT88SC0808C Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC0808C ATMEL-AT88SC0808C Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC0808C-MJ ATMEL-AT88SC0808C-MJ Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0808C-MJ ATMEL-AT88SC0808C-MJ Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
More results

Similar Description - AT88SC0808C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C_14 Datasheet
367Kb / 21P
   Atmel CryptoMemory, 8-Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com