Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT9460IGY-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT9460IGY-T1
Description  30V N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT9460IGY-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT9460IGY-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT9460IGY-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT9460IGY-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT9460IGY-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT9460IGY-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT9460IGY-T1 Datasheet HTML 6Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Characteristics
(TJ = 25ºC unless otherwise noted)
Capacitance
0
200
400
600
800
1000
0
5
10
15
20
25
30
VDS (V)
CISS
COSS
CRSS
Source-Drain Diode Forward Voltage
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
VSD (V)
TJ = 25°C
TJ = 150°C
Gate Charge
0
1
2
3
4
5
0123
456
Q
G, Charge (nC)
ID=3.6A
VD=15A
AAT9460
30V N-Channel Power MOSFET
4
9460.2003.10.0.63


Similar Part No. - AAT9460IGY-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT9055 ANALOGICTECH-AAT9055 Datasheet
123Kb / 4P
   30V N-Channel Power MOSFET
AAT9055INY-T1 ANALOGICTECH-AAT9055INY-T1 Datasheet
123Kb / 4P
   30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
   30V N-Channel Power MOSFET
AAT9060INY-T1 ANALOGICTECH-AAT9060INY-T1 Datasheet
141Kb / 6P
   30V N-Channel Power MOSFET
AAT9121 ANALOGICTECH-AAT9121 Datasheet
252Kb / 4P
   30V N-Channel Power MOSFET
More results

Similar Description - AAT9460IGY-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
   30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
   30V N-Channel Power MOSFET
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03PQ33 TSC-TSM180N03PQ33 Datasheet
466Kb / 5P
   30V N-Channel Power MOSFET
TSM240N03CX TSC-TSM240N03CX Datasheet
416Kb / 5P
   30V N-Channel Power MOSFET
TSM500N03 TSC-TSM500N03 Datasheet
388Kb / 5P
   30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com