Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-8SPDT-A18 Datasheet(PDF) 11 Page - Mini-Circuits

Part # USB-8SPDT-A18
Description  USB RF-SPDT Switch Matrix
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-8SPDT-A18 Datasheet(HTML) 11 Page - Mini-Circuits

Back Button USB-8SPDT-A18 Datasheet HTML 7Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 8Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 9Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 10Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 11Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 12Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 13Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 14Page - Mini-Circuits USB-8SPDT-A18 Datasheet HTML 15Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Page 11 of 17
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-8SPDT-A18
USB SPDT RF Switch Matrix
Configuration G: 2x8 switch
• Power handling is specified with RF applied to the COM port and output load connected to either 1 or 2 of the respective switch.
• When connecting a coaxial semi flex cable, tighten connectors alternately using an 8in/lb torque wrench to insure proper contact at each end.
Config. G
2x8 Switch:
All Switches Logic
A B C D E F G H
IN1 ←→Out1 : 0, Ø, 0, 0, Ø, Ø, 0, Ø
IN1 ←→Out2 : 1, Ø, 0, 0, Ø, Ø, 0, Ø
IN1 ←→Out3 : Ø, 0, 0, 1, Ø, Ø, 0, Ø
IN1 ←→Out4 : Ø, 1, 0, 1, Ø, Ø, 0, Ø
IN1 ←→Out5 : Ø, Ø, 0, Ø, 0, Ø, 1, 0
IN1 ←→Out6 : Ø, Ø, 0, Ø, 1, Ø, 1, 0
IN1 ←→Out7 : Ø, Ø, 0, Ø, Ø, 0, 1, 1
IN1 ←→Out8 : Ø, Ø, 0, Ø, Ø, 1, 1, 1
IN2 ←→Out1 : 0, Ø, 1, 0, Ø, Ø, 0, Ø
IN2 ←→Out2 : 1, Ø, 1, 0, Ø, Ø, 0, Ø
IN2 ←→Out3 : Ø, 0, 1, 1, Ø, Ø, 0, Ø
IN2 ←→Out4 : Ø, 1, 1, 1, Ø, Ø, 0, Ø
IN2 ←→Out5 : Ø, Ø, 1, Ø, 0, Ø, 1, 0
IN2 ←→Out6 : Ø, Ø, 1, Ø, 1, Ø, 1, 0
IN2 ←→Out7 : Ø, Ø, 1, Ø, Ø, 0, 1, 1
IN2 ←→Out8 : Ø, Ø, 1, Ø, Ø, 1, 1, 1
All eight switches move together as one.
COMG
(1G)
(2G)
(COMH)
(1H)
(2H)
(COMD)
(1D)
(2D)
(COMB)
Out 3
(1B)
Out 4
(2B)
(COMA)
Out 1
(1A)
Out 2
(2A)
(COMF)
Out 7
(1F)
Out 8
(2F)
(COME)
Out 5
(1E)
Out 6
(2E)
COMC
IN2 (2C)
IN1 (1C)
Config. H
SP9T:
All Switches Logic
A B C D E F G H
IN ←→Out1 : Ø, Ø, 0, 0, Ø, Ø, 0, Ø
IN ←→Out2 : Ø, Ø, 1, 0, Ø, Ø, 0, Ø
IN ←→Out3 : 0, 0, Ø, 1, Ø, Ø, 0, Ø
IN ←→Out4 : 1, 0, Ø, 1, Ø, Ø, 0, Ø
IN ←→Out5 : Ø, 1, Ø, 1, 0, Ø, 0, Ø
IN ←→Out6 : Ø, 1, Ø, 1, 1, Ø, 0, Ø
IN ←→Out7 : Ø, Ø, Ø, Ø, Ø, 0, 1, 0
IN ←→Out8 : Ø, Ø, Ø, Ø, Ø, 1, 1, 0
IN ←→Out9 : Ø, Ø, Ø, Ø, Ø, Ø, 1, 1
All Switches move together as one.
IN (COMG)
(1G)
(2G)
(COMH)
(1H)
Out 9
(2H)
(COMD)
(1D)
(2D)
(COMB)
(1B)
(2B)
(COMC)
Out 1
(1C)
Out 2
(2C)
(COMF)
Out 7
(1F)
Out 8
(2F)
(COMA)
Out 3
(1A)
Out 4
(2A)
(COME)
Out 5
(1E)
Out 6
(2E)


Similar Part No. - USB-8SPDT-A18

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-8472 NI-USB-8472 Datasheet
441Kb / 4P
   1-port interfaces for high-speed CAN,low-speed/fault-tolerant CAN, and LIN
logo
Coolgear Inc.
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
   8-Port RS-232 USB to Serial Adapter Data Control Box
USB-8COMI-M COOLGEAR-USB-8COMI-M Datasheet
897Kb / 3P
   Basic Measurements
8/6/2021
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
   8 Port USB to RS-232/422/485 Octal Adapter
More results

Similar Description - USB-8SPDT-A18

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
USB-1SP16T-83H MINI-USB-1SP16T-83H Datasheet
678Kb / 10P
   USB RF-SPDT Switch Matrix
USB-1SPDT-A18 MINI-USB-1SPDT-A18 Datasheet
536Kb / 5P
   USB RF-SPDT Switch Matrix
USB-4SP2T-63H MINI-USB-4SP2T-63H Datasheet
606Kb / 8P
   USB RF-SPDT Switch Matrix
USB-2SP2T-DCH MINI-USB-2SP2T-DCH Datasheet
794Kb / 8P
   USB RF-SPDT Switch Matrix
USB-3SPDT-A18 MINI-USB-3SPDT-A18 Datasheet
685Kb / 6P
   USB RF-SPDT Switch Matrix
USB-2SPDT-A18 MINI-USB-2SPDT-A18 Datasheet
621Kb / 6P
   USB RF-SPDT Switch Matrix
USB-4SPDT-A18 MINI-USB-4SPDT-A18 Datasheet
1Mb / 7P
   USB RF-SPDT Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
   RF SPDT Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com