Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT2021B Datasheet(PDF) 9 Page - SiTime Corp.

Part # SIT2021B
Description  High Frequency, -55 to 125 One-Output Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2021B Datasheet(HTML) 9 Page - SiTime Corp.

Back Button SIT2021B Datasheet HTML 5Page - SiTime Corp. SIT2021B Datasheet HTML 6Page - SiTime Corp. SIT2021B Datasheet HTML 7Page - SiTime Corp. SIT2021B Datasheet HTML 8Page - SiTime Corp. SIT2021B Datasheet HTML 9Page - SiTime Corp. SIT2021B Datasheet HTML 10Page - SiTime Corp. SIT2021B Datasheet HTML 11Page - SiTime Corp. SIT2021B Datasheet HTML 12Page - SiTime Corp. SIT2021B Datasheet HTML 13Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2021B
High Frequency, -55°C to +125°C One-Output Clock Generator
Rev. 1.0
Page 9 of 12
www.sitime.com
Pin 3 Configuration Options (OE, ST, or NC)
Pin 3 of the SiT2021 can be factory-programmed to support
three modes: Output Enable (OE), standby (ST) or No
Connect (NC).
Output Enable (OE) Mode
In the OE mode, applying logic Low to the OE pin only disables
the output driver and puts it in Hi-Z mode. The core of the
device continues to operate normally. Power consumption is
reduced due to the inactivity of the output. When the OE pin is
pulled High, the output is typically enabled in <1µs.
Standby (ST) Mode
In the ST mode, a device enters into the standby mode when
Pin 3 pulled Low. All internal circuits of the device are turned
off. The current is reduced to a standby current, typically in the
range of a few µA. When ST is pulled High, the device goes
through the “resume” process, which can take up to 5 ms.
No Connect (NC) Mode
In the NC mode, the device always operates in its normal
mode and outputs the specified frequency regardless of the
logic level on pin 3.
Table 12 below summarizes the key relevant parameters in the
operation of the device in OE, ST, or NC mode.
Output on Startup and Resume
The SiT2021 comes with gated output. Its clock output is
accurate to the rated frequency stability within the first pulse
from initial device startup or resume from the standby mode.
In addition, the SiT2021 has “no runt” pulses, “no glitch” output
during startup or resume as shown in the waveform captures
in Figure 17 and Figure 18.
Figure 17. Startup Waveform vs. Vdd
Figure 18. Startup Waveform vs. Vdd
(Zoomed-in View of Figure 17)
Table 12. OE vs. ST vs. NC
OE
ST
NC
Active current 125 MHz (max, 1.8V)
6 mA
6 mA
6 mA
OE disable current (max. 1.8V)
4.5 mA
N/A
N/A
Standby current (typical 1.8V)
N/A
0.6 uA
N/A
OE enable time at 125 MHz (max)
130 ns
N/A
N/A
Resume time from standby
(max, all frequency)
N/A
5 ms
N/A
Output driver in OE disable/standby mode
High Z
weak
pull-down
N/A
Clock Output
Vdd
Clock Output
Vdd


Similar Part No. - SIT2021B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT2020B SITIME-SIT2020B Datasheet
912Kb / 17P
   Single-Chip, One-Output Clock Generator
SIT2024B SITIME-SIT2024B Datasheet
528Kb / 15P
   Automotive AEC-Q100 SOT23 Oscillator
SIT2025B SITIME-SIT2025B Datasheet
441Kb / 15P
   High Frequency, Automotive AEC-Q100 SOT23 Oscillator
More results

Similar Description - SIT2021B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT2019B SITIME-SIT2019B Datasheet
945Kb / 17P
   High Frequency, High Temp, One-Output Clock Generator
SIT2002B SITIME-SIT2002B Datasheet
551Kb / 12P
   High Frequency, Single Chip, One-output Clock Generator
SIT8921B SITIME-SIT8921B Datasheet
755Kb / 18P
   High Frequency, -55 to 125 Oscillator
SIT2020B SITIME-SIT2020B Datasheet
912Kb / 17P
   Single-Chip, One-Output Clock Generator
SIT2018B SITIME-SIT2018B Datasheet
914Kb / 17P
   High Temp, Single-Chip, One-Output Clock Generator
SIT2001B SITIME-SIT2001B Datasheet
623Kb / 17P
   Single-Chip, One-Output Clock Generator
logo
Cypress Semiconductor
CY26126 CYPRESS-CY26126 Datasheet
108Kb / 4P
   Dual Output 125-MHz Clock Generator
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com