Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE459 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE459
Description  N-Channel Silicon JFET Transistor AF Amplifier/Chopper/Switch
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE459 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Functional Characteristics
Noise Figure
NF
VDS = 15V, VGS = 0, RG = 1MΩ,
f = 10Hz, BW = 5Hz
5
dB
Equivalent Short–Circuit Input Noise
Voltage
en
VDS = 15V, VGS = 0, f = 10Hz,
BW = 5Hz
200
nV/Hz1/2
.220 (5.58) Dia
.185 (4.7) Dia
.030 (.762)
.040 (1.02)
.018 (0.45) Dia
45
°
Source
Drain
Gate
Case
.190
(4.82)
.500
(12.7)
Min


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn