Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGHRS11-2.5K60-115-120 Datasheet(PDF) 1 Page - Nova Electric. All Rights Reserved.

Part # NGHRS11-2.5K60-115-120
Description  TRUE ON-LINE UPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

NGHRS11-2.5K60-115-120 Datasheet(HTML) 1 Page - Nova Electric. All Rights Reserved.

  NGHRS11-2.5K60-115-120 Datasheet HTML 1Page - Nova Electric. All Rights Reserved. NGHRS11-2.5K60-115-120 Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RUGGED
NAVY GALAXY SERIES
TM
TRUE ON-LINE UPS
POWER FACTOR CORRECTED
&
GALVANICALLY ISOLATED
1.5KVA & 2.5KVA
www.novaelectric.com
novasales@theallpower.com
N
N
N
NO
O
O
O
OV
V
V
V
VA
A
A
A
A E
E
E
EL
L
L
LE
E
E
E
EC
C
C
C
CT
T
TR
RIC
NOVA ELECTRIC
NOVA ELECTRIC
This rugged UPS is specifically designed
for submarine and shipboard applications
in compliance to MIL-STD-1399, MIL-STD-461,
MIL-S-901, MIL-STD-167, MIL-STD-810,
and MIL-STD-740. It provides very high quality
pure sinewave output (2% THD) and is capable
of driving non-linear loads such as non-PFC
Switching Power Supplies.
This rugged UPS is specifically designed
for submarine and shipboard applications
in compliance to MIL-STD-1399, MIL-STD-461,
MIL-S-901, MIL-STD-167, MIL-STD-810,
and MIL-STD-740. It provides very high quality
pure sinewave output (2% THD) and is capable
of driving non-linear loads such as non-PFC
Switching Power Supplies.
A
APPLL
PL
PP
AP
A
L
P
P
A
A
A P
P
APPLICATIONS
RUGGED
NAVY GALAXY SERIES
A Leader in UPS Technology since 1966 - 500VA to 500+KVA
TM
TRUE ON-LINE UPS
POWER FACTOR CORRECTED
&
GALVANICALLY ISOLATED
1.5KVA & 2.5KVA
BULKHEAD MOUNT
ADVANCED FEATURES
S
ADVANCED FEATURES
ADVANCED FEATURES
Automatic DC offset
Synchronized PFC Modules
Input Inrush Current Control
Two Stage Battery Charger
Totally Modular Design
Efficiency exceeding 80%
GALVANICALLY ISOLA
1.5KVA & 2.5K
ICATIONSS
S
SS
N
N
O
ON
O
O
O
O
O
TI
T
A
AT
AT
AA
CA
CA
CA
C
C
C
I C
C
C
C
N
N
N
N
I
T
T
TT
AT
AT
A
I
O
O
C
N
N
N
AA
S
SS
ATIONS
GALVANICALLY ISOLA
GALVANICALLY ISOLA
1 5KVA & 2 5K
1.5KVA & 2.5K
1.5KVA & 2.5K
BULKHEAD MOUNT
odu es
80%
OPTIONAL FEATURES SHOWN


Similar Description - NGHRS11-2.5K60-115-120

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
GRS11-5K60-120-120 NOVA-GRS11-5K60-120-120 Datasheet
303Kb / 2P
   TRUE ON-LINE UPS
GRSL11-1K60-120-120 NOVA-GRSL11-1K60-120-120 Datasheet
292Kb / 2P
   TRUE ON-LINE UPS
GRSL11-3K60-120-120 NOVA-GRSL11-3K60-120-120 Datasheet
517Kb / 2P
   TRUE ON-LINE UPS
NGRS11-1.5K60-115-115 NOVA-NGRS11-1.5K60-115-115 Datasheet
463Kb / 2P
   TRUE ON-LINE UPS
NGRS11-5K60-115D-115 NOVA-NGRS11-5K60-115D-115 Datasheet
1Mb / 2P
   5KVA TRUE ON-LINE UPS
NC11 NOVA-NC11 Datasheet
1Mb / 4P
   FREE STANDING TRUE-ON-LINE UPS
NERM NOVA-NERM Datasheet
7Mb / 4P
   True-on-Line UPS System 6-400 KVA
logo
FSP TECHNOLOGY INC.
CUSTOS9XPLUS_2K FSP-CUSTOS9XPLUS_2K Datasheet
81Kb / 1P
   True double-conversion online UPS
CUSTOS9XPLUS_3K FSP-CUSTOS9XPLUS_3K Datasheet
81Kb / 1P
   True double-conversion online UPS
CUSTOS9XPLUS_1.5K FSP-CUSTOS9XPLUS_1.5K Datasheet
81Kb / 1P
   True double-conversion online UPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com