Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP9218 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP9218
Description  High Performance Regulated Charge Pump
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9218 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP9218 Datasheet HTML 1Page - Monolithic Power Systems MP9218 Datasheet HTML 2Page - Monolithic Power Systems MP9218 Datasheet HTML 3Page - Monolithic Power Systems MP9218 Datasheet HTML 4Page - Monolithic Power Systems MP9218 Datasheet HTML 5Page - Monolithic Power Systems MP9218 Datasheet HTML 6Page - Monolithic Power Systems MP9218 Datasheet HTML 7Page - Monolithic Power Systems MP9218 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP9218–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9218 Rev. 1.0
www.MonolithicPower.com
7
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
OUT
GND
IN
CP
CN
EN
Figure 1— Functional Block Diagram
The MP9218 uses a switched capacitor charge
pump to boost an input voltage to a regulated
output voltage. Regulation is achieved by
sensing the charge pump output voltage
through an internal resistor divider network. A
switched doubling circuit is enabled when the
divided output drops below a preset trip point
controlled by an internal comparator.
The switching signal, which drives the charge
pump, is created by an integrated oscillator
within the control circuit block. The fixed charge
pump switching frequency is approximately
1.35MHz.
The MP9218 has complete output short-circuit
and thermal protection to safeguard the device
under extreme operating conditions. An internal
thermal
protection
circuit
senses
die
temperature and will shut down the device if the
internal
junction
temperature
exceeds
approximately 145°C. The charge pump will
remain disabled until the fault condition is
relieved.


Similar Part No. - MP9218

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP92265 MPS-MP92265 Datasheet
1Mb / 16P
   18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
MP92265GJ MPS-MP92265GJ Datasheet
1Mb / 16P
   18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
   24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP92325GJ MPS-MP92325GJ Datasheet
725Kb / 16P
   24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
Caddock Electronics, In...
MP925 CADDOCK-MP925 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
More results

Similar Description - MP9218

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9361 MPS-MP9361 Datasheet
335Kb / 6P
   High Performance Regulated Charge Pump
logo
Lowpower Semiconductor ...
LP3120 POWER-LP3120 Datasheet
255Kb / 5P
   High Performance Regulated Charge Pump
logo
Richtek Technology Corp...
RT9361A RICHTEK-RT9361A Datasheet
282Kb / 12P
   Tiny Package, High Performance, Regulated Charge Pump
logo
Monolithic Power System...
MPQ9361 MPS-MPQ9361 Datasheet
386Kb / 8P
   Industrial Grade, High Performance Regulated Charge Pump
EV9361DJ-00A MPS-EV9361DJ-00A Datasheet
159Kb / 4P
   High Performance Regulated Charge Pump Evaluation Board
logo
Richtek Technology Corp...
RT9394 RICHTEK-RT9394 Datasheet
210Kb / 13P
   Tiny Package, High Performance, Regulated Charge Pump
May 2022
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com