Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT83C469 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # VT83C469
Description  PCMCIA Socket Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT83C469 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button VT83C469 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
VIA Technologies, Inc.
Preliminary VT83C469
15
Address : Index ( Base + 06h )
BIT
FUNCTION
D[7:6]
I/O Window Enable [1:0].
0: Inhibit the card enable signals to the PC Card when an I/O access occurs within the
corresponding I/O address window.
1: Generate the card enable signals to PC card when an I/O access occurs within the
corresponding I/O address window. I/O accesses pass addresses from the system bus directly
through to the PC Card.
The start and stop register pairs must all be set to the desired window values before setting
this bit to one.
D5
MS16# Decode A23:12.
0: Generated MS16# from a decode of the system address lines A23:17 only. This means that a
minimum, a 128K block of system memory address space is set aside as 16-bit memory only.
1: Generated MS16# from a decode of the system address lines A23:12.
D4
Memory Window 4 Enable.
0: Inhibit the card enable signals to the PC Card when a memory access occurs within the
corresponding system memory address window.
1: Generate the card enable signals when a memory access occurs within the corresponding
system memory address window. When the system address is within the window, the computed
address will be generated to the PC Card.
D3
Memory Window 3 Enable.
0: Inhibit the card enable signals to the PC Card when a memory access occurs within the
corresponding system memory address window.
1: Generate the card enable signals when a memory access occurs within the corresponding
system memory address window. When the system address is within the window, the computed
address will be generated to the PC Card.
D2
Memory Window 2 Enable.
0: Inhibit the card enable signals to the PC Card when a memory access occurs within the
corresponding system memory address window.
1: Generate the card enable signals when a memory access occurs within the corresponding
system memory address window. When the system address is within the window, the computed
address will be generated to the PC Card.
D1
Memory Window 1 Enable.
0: Inhibit the card enable signals to the PC Card when a memory access occurs within the
corresponding system memory address window.
1: Generate the card enable signals when a memory access occurs within the corresponding
system memory address window. When the system address is within the window, the computed
address will be generated to the PC Card.
D0
Memory Window 0 Enable.
0: Inhibit the card enable signals to the PC Card when a memory access occurs within the
corresponding system memory address window.
1: Generate the card enable signals when a memory access occurs within the corresponding
system memory address window. When the system address is within the window, the computed
address will be generated to the PC Card.
NOTE: The start, stop and offset registers pairs must all be set to the desired window values
before setting bit to one.( All Memory Windows ).


Similar Part No. - VT83C469

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
   PCI TO USB CONTROLLER
logo
PerkinElmer Optoelectro...
VT83CT PERKINELMER-VT83CT Datasheet
1Mb / 76P
   Photoconductive Cells and Analog Optoisolators (Vactrols)
More results

Similar Description - VT83C469

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
   PCMCIA Power Controller
R5534V RICOH-R5534V Datasheet
254Kb / 7P
   PCMCIA Power Controller
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
   PCMCIA Host Interface Controller
logo
List of Unclassifed Man...
TC3299A ETC-TC3299A Datasheet
1Mb / 26P
   Ethernet PCMCIA Controller COMBO Transceiver
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
Micro Linear Corporatio...
ML4880 MICRO-LINEAR-ML4880 Datasheet
164Kb / 15P
   Portable PC/PCMCIA Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com