Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT83C469 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT83C469
Description  PCMCIA Socket Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT83C469 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT83C469 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
VIA Technologies, Inc.
Preliminary VT83C469
11
Power Control Register ( Read/Write )
Address : Index ( Base + 02h )
BIT
FUNCTION
D7
Output Enable.
If this bit set to zero, the PC Card outputs listed below are tri-stated.
CADR<25:0>, D<15:0>, CE2#, CE1#, IORD#, IOWR#, OE#, WE#, REG#, RESET.
This bit should not be set until after this register has been written setting PC Card Power Enable
previously.
D6
Reserved.
D5
Auto Power Switch Enable.
0: automatic socket power switching based on card detects is disable.
1: automatic socket power switching based on card detects is enable.
D4
PC Card Power Enable.
0: power to the socket is disabled.
(Vcc and Vpp1 are all no connection)
1: power to the socket is enabled.
(Vcc is set according to bit 1 in Miscellaneous Control 1 register and DET_5 pin, and Vpp1 is
set according to bit 1:0 in this register)
D[3:2]
Reserved
D[1:0]
Vpp1 Power Control
00: no connection.
01: Vcc.
10: 12V.
11: reserved.(this setting then Vpp1 will be a no connection)
The following table describes the slot power control function.
OUTPUT
PC
CARD
POWER
ENABLE
AUTO
POWER
SWITCH
ENABLE
CD1#
CD2#
TRI-STATE
OUTPUTS
PC
CARD
POWER
ACTIVE
x0
x
x
x
OFF
0
01
0
0
0
OFF
1
11
0
0
0
ON
1
x1
0
x
1
OFF
1
x1
0
1
x
OFF
1
01
1
0
0
OFF
1
11
1
0
0
ON
1
x1
1
x
1
OFF
0
x1
1
1
x
OFF
0


Similar Part No. - VT83C469

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
   PCI TO USB CONTROLLER
logo
PerkinElmer Optoelectro...
VT83CT PERKINELMER-VT83CT Datasheet
1Mb / 76P
   Photoconductive Cells and Analog Optoisolators (Vactrols)
More results

Similar Description - VT83C469

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
   PCMCIA Power Controller
R5534V RICOH-R5534V Datasheet
254Kb / 7P
   PCMCIA Power Controller
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
   PCMCIA Host Interface Controller
logo
List of Unclassifed Man...
TC3299A ETC-TC3299A Datasheet
1Mb / 26P
   Ethernet PCMCIA Controller COMBO Transceiver
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
Micro Linear Corporatio...
ML4880 MICRO-LINEAR-ML4880 Datasheet
164Kb / 15P
   Portable PC/PCMCIA Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com