Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP9148GJ Datasheet(PDF) 13 Page - Monolithic Power Systems

Part No. MP9148GJ
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

MP9148GJ Datasheet(HTML) 13 Page - Monolithic Power Systems

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP9148 – 6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP9148 Rev.1.0
www.MonolithicPower.com
13
11/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C4
10 F
R1
806k
IN
EN1
EN2
SW1
SW2
GND
FB1
FB2
C1A
22 F
R2
412k
R3
806k
R4
825k
C6
10 F
VIN
5V
VOUT1
1.8V
VOUT2
1.2V
MP9148
L1
1.5
L2
1.5
EN1
EN2
C1B
22 F
C3
10 F
C5
10 F
Figure 4: Typical Application Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn