Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP9148GJ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part No. MP9148GJ
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

MP9148GJ Datasheet(HTML) 8 Page - Monolithic Power Systems

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP9148 – 6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP9148 Rev.1.0
www.MonolithicPower.com
8
11/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name Description
1
FB2
Feedback 2. Error amplifier input. Connect to the tap of an external resistor divider between
the output and GND. Sets the regulation voltage.
2
EN2
Channel 2 Enable. Buck.
3
SW2
Switch Node Connects to the channel 2 internal high-side and low-side power MOSFETs.
Connects to the inductor.
4
EN1
Channel 1 Enable. Buck.
5
GND
Ground.
6
SW1
Switch Node Connects to the channel 1 internal high-side and low-side power MOSFETs.
Connects to the inductor.
7
IN
Input Supply. Requires a decoupling capacitor to ground to reduce switching spikes.
8
FB1
Feedback 1. Error amplifier input. Connect to the tap of an external resistor divider between
the output and GND. Sets the regulation voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn