Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMT352 Datasheet(PDF) 16 Page - BeRex Corporation

Part # BMT352
Description  3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT352 Datasheet(HTML) 16 Page - BeRex Corporation

Back Button BMT352_18 Datasheet HTML 12Page - BeRex Corporation BMT352_18 Datasheet HTML 13Page - BeRex Corporation BMT352_18 Datasheet HTML 14Page - BeRex Corporation BMT352_18 Datasheet HTML 15Page - BeRex Corporation BMT352_18 Datasheet HTML 16Page - BeRex Corporation BMT352_18 Datasheet HTML 17Page - BeRex Corporation BMT352_18 Datasheet HTML 18Page - BeRex Corporation BMT352_18 Datasheet HTML 19Page - BeRex Corporation BMT352_18 Datasheet HTML 20Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352
16
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Application Circuit: 3.8 GHz
Schematic Diagram
BOM
Marks
C1
0603
1uF
C2
0603
1uF
C3
0603
20pF
C4
0603
20pF
C5
0603
N/A
C6
0603
N/A
C7
0603
20pF
C8
0603
10pF
High Q Cap
C9
0603
N/A
C10
0603
N/A
C11
0603
N/A
C12
0603
N/A
C13
0603
2pF
C14
0603
20pF
C15
0603
1uF
C16
0603
0.8pF
High Q Cap
C17
0603
1.3pF
High Q Cap
C18
0603
1.2pF
High Q Cap
L1
0603
0 Ω
L2
0805
12nH
Coilcraft-HQ
R1
0603
330 Ω
R2
0603
470 Ω
R3
0603
20 Ω
PCB Diagram
Notice
In table below can be changed per sub-
strate conditions
1.
C8 & C17 & C16 & C18 : We recommend
High-Q capacitor for better output pow-
er performance. We used Johanson
Tech’s capacitor .
Reference
Object
Distance
Input pin
C17
8.0mm
Input pin
C16
1.5mm
Output pin
C18
1.4mm


Similar Part No. - BMT352_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
More results

Similar Description - BMT352_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_18 Datasheet
1Mb / 23P
   0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
   0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
   2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BT33L BEREX-BT33L_18 Datasheet
2Mb / 19P
   100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BT33L BEREX-BT33L Datasheet
2Mb / 19P
   100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332_18 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com