Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVKT-8864 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # EVKT-8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVKT-8864 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button EVKT-8864 Datasheet HTML 7Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 8Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 9Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 10Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 11Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 12Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 13Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 14Page - Monolithic Power Systems EVKT-8864 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
11
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12 V, VOUT = 1.2 V, L = 1 µH, TA = 25°C, unless otherwise noted.


Similar Part No. - EVKT-8864

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVKT-8861 MPS-EVKT-8861 Datasheet
1Mb / 37P
   2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
Rev. 1.1 5/28/2020
More results

Similar Description - EVKT-8864

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
   High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
   High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
   High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
   High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
   High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
   High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
   High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
   6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com