Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8845C Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8845C
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845C Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8845C Datasheet HTML 12Page - Monolithic Power Systems MP8845C Datasheet HTML 13Page - Monolithic Power Systems MP8845C Datasheet HTML 14Page - Monolithic Power Systems MP8845C Datasheet HTML 15Page - Monolithic Power Systems MP8845C Datasheet HTML 16Page - Monolithic Power Systems MP8845C Datasheet HTML 17Page - Monolithic Power Systems MP8845C Datasheet HTML 18Page - Monolithic Power Systems MP8845C Datasheet HTML 19Page - Monolithic Power Systems MP8845C Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
17
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OUPUT VOLTAGE TRANSITION SLEW RATE
When output voltage transits from a low to high
voltage or from a high to low voltage, the
transition slew rate can be different. There are
eight possible values for selecting. Through
writing the Slew rate bits (Reg02 Syscntlreg2
[D2:D0]), the transition slew rate can be set at
one possible value based on the application. The
internal reference will follow the set slew rate, but
the output voltage slew rate is not always follow
internal reference. Consider output capacitor and
inductor, the actual output voltage slew rate
should be a little slower.
I
2C REGISTER HOLD ON
MP8845C has special function that is I2C register
hold on after EN pin change low. The updated
register can be hold for later application condition
even external EN pull low.
Figure 2—MP8845C control interface


Similar Part No. - MP8845C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
   5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845GC MPS-MP8845GC Datasheet
1Mb / 23P
   5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845GC MPS-MP8845GC Datasheet
392Kb / 6P
   5A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results

Similar Description - MP8845C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
   5A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
   5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
   6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
   6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
   High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com