Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXBP-176 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SXBP-176
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXBP-176 Datasheet(HTML) 2 Page - Mini-Circuits

  SXBP-176 Datasheet HTML 1Page - Mini-Circuits SXBP-176 Datasheet HTML 2Page - Mini-Circuits SXBP-176 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Surface Mount
SXBP-176+
Electrical Specifications at 25°C
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
176
MHz
Insertion Loss
F1-F2
175-177
3.3
4.8
dB
VSWR
F1-F2
175-177
1.3
1.5
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-155
20
30
dB
VSWR
DC-F3
DC-155
15
:1
Stop Band, Upper
Insertion Loss
F4-F5
199-1000
20
31
dB
VSWR
F4-F5
199-1000
11
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.25W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
SXBP-176+
EDR-9586AU
RAV/URJ/NY
161230
Typical Frequency Response
Functional Schematic
50Ω
175 to 177 MHz
Bandpass Filter
Applications
• Harmonic Rejection
• Transmitters / Receivers
• Military
Features
• Narrow band flat group delay
• Good VSWR, 1.3:1 Typical
• High Rejection, 40 dB
• Shielded case
• Aqueous washable
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0
20
40
60
80
100
0
200
400
600
800
1000
FREQUENCY (MHz)
3.18
3.21
3.24
3.27
175
175.5
176
176.5
177
SXBP-176+
INSERTION LOSS (Full band)
SXBP-176+
VSWR
1
10
100
1000
0
200
400
600
800
1000
FREQUENCY (MHz)
1.20
1.22
1.24
1.26
175
175.5
176
176.5
177
0
20
40
60
80
100
125
145
165
185
205
225
FREQUENCY (MHz)
SXBP-176+
INSERTION LOSS (Passband)
42
42.5
43
43.5
44
44.5
45
175
175.5
176
176.5
177
FREQUENCY (MHz)
SXBP-176+
GROUP DELAY
1.0
93.62
1737.18
175.00
43.54
143.0
51.62
96.51
175.10
44.08
155.0
32.29
36.97
175.20
43.90
160.0
22.86
19.98
175.30
43.69
164.0
14.07
8.86
175.40
43.71
167.0
7.57
3.49
175.60
43.60
175.0
3.21
1.21
175.70
43.54
176.0
3.21
1.22
175.80
42.95
177.0
3.24
1.25
175.90
43.43
185.0
6.30
3.52
176.00
43.35
190.0
12.52
9.53
176.10
42.97
199.0
31.10
32.79
176.20
43.18
200.0
33.03
36.20
176.30
43.28
205.0
41.84
51.10
176.40
43.21
209.0
48.28
62.05
176.50
43.00
300.0
62.65
217.15
176.60
43.24
500.0
65.17
82.73
176.70
43.19
750.0
56.76
69.49
176.80
43.22
800.0
55.56
78.97
176.90
42.84
1000.0
53.36
56.04
177.00
42.96
CASE STYLE: HF1139
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXBP-176

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXBP-178 MINI-SXBP-178 Datasheet
398Kb / 1P
   Bandpass Filter
SXBP-178++ MINI-SXBP-178+ Datasheet
398Kb / 1P
   Bandpass Filter
More results

Similar Description - SXBP-176

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com