Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXBP-162+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXBP-162+
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXBP-162+ Datasheet(HTML) 1 Page - Mini-Circuits

  SXBP-162+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV. A
M151121
EDR-8232UF1
SXBP-162+
URJ/RAV
161123
Page 1 of 1
50Ω 155 to 169 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max
INPUT
1
OUTPUT
8
GROUND
2, 3, 4, 5, 6, 7
Pin Connections
Surface Mount
SXBP-162+
Bandpass Filter
Applications
• receivers / transmitters
• industrial communications
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Features
• excellent rejection
• flat group delay @ passband
• good VSWR, 1.15:1 typ.@ passband
CASE STYLE: HF1139
Typical Frequency Response
Functional Schematic
RF IN
RF OUT
SXBP-162+
GROUP DELAY
15
20
25
30
35
40
45
50
55
60
150
155
160
165
170
175
180
FREQUENCY (MHz)
SXBP-162+
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
SXBP-162+
RETURN LOSS
0
3
6
9
12
15
18
21
24
27
1
10
100
1000
10000
FREQUENCY (MHz)
CENTER
FREQ.
(MHz)
PASSBAND
(MHz)
(Loss < 3dB)
F1 - F2
STOPBANDS (MHz)
VSWR (:1)
Loss > 20dB
F3
F4
Loss > 40dB
F5
F6
Passband
Max.
Stopband
Typ.
162
155 - 169
138
200
127
280 - 1600
1.6
20
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.3
91.44
6.36
0.00
150.0
57.53
127.0
51.02
0.97
0.20
152.0
49.26
138.0
30.32
1.08
0.56
154.0
42.59
144.0
15.76
1.45
1.66
155.0
40.50
147.0
7.97
1.38
4.50
156.0
38.52
149.0
4.46
0.74
9.93
158.0
35.89
155.0
2.15
0.06
19.50
160.0
34.70
162.0
1.86
0.04
23.33
162.0
33.30
169.0
2.09
0.11
21.10
164.0
32.96
174.0
4.39
0.60
6.77
166.0
33.44
178.0
9.25
0.75
2.21
167.0
33.63
185.0
18.09
0.55
0.68
168.0
34.87
200.0
30.23
0.29
0.24
169.0
37.19
280.0
50.05
0.14
0.10
171.0
38.21
400.0
56.89
0.29
0.14
173.0
41.19
800.0
67.07
1.31
0.26
175.0
38.37
1200.0
59.27
0.90
0.31
178.0
26.51
1600.0
50.36
1.12
0.39
180.0
18.81
Permanent damage may occur if any of these limits are exceeded.
F6
F4
F2
F1
F3
F5
40
20
3
FREQUENCY (MHz)
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Demo Board MCL P/N: TB-368
Suggested PCB Layout (PL-230)
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
C
D
E
F
.44
.74
.27
.200
.07
.060
11.18 18.80
6.86
5.08
1.78
1.52
G
H
J
K
L
M
wt.
.040
.660
.200
.470
.055
.060 grams
1.02 16.76
5.08 11.94
1.40
1.52
3.0
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXBP-162+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXBP-161R5 MINI-SXBP-161R5 Datasheet
360Kb / 3P
   Bandpass Filter
SXBP-161R5++ MINI-SXBP-161R5+ Datasheet
360Kb / 3P
   Bandpass Filter
SXBP-169 MINI-SXBP-169 Datasheet
383Kb / 1P
   Bandpass Filter
SXBP-169++ MINI-SXBP-169+ Datasheet
383Kb / 1P
   Bandpass Filter
More results

Similar Description - SXBP-162+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com