Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXBP-72 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SXBP-72
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXBP-72 Datasheet(HTML) 2 Page - Mini-Circuits

  SXBP-72 Datasheet HTML 1Page - Mini-Circuits SXBP-72 Datasheet HTML 2Page - Mini-Circuits SXBP-72 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
SXBP-72+
Electrical Specifications at 25°C
CASE STYLE: HF1139
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
72
MHz
Insertion Loss
F1-F2
68-76
3.3
5.5
dB
VSWR
F1-F2
68-76
1.5
2.1
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-60
20
30
dB
VSWR
DC-F3
DC-60
20
:1
Stop Band, Upper
Insertion Loss
F4-F5
87-4000
20
27
dB
VSWR
F4-F5
87-4000
20
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
100 mW
Permanent damage may occur if any of these limits are exceeded.
REV. A
M151121
SXBP-72+
EDU1559
URJ
161014
Page 2 of 3
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
68-76 MHz
Bandpass Filter
0
25
50
75
100
0
500 1000 1500 2000 2500 3000 3500 4000
FREQUENCY (MHz)
SXBP-72+
INSERTION LOSS (Full band)
1
10
100
1000
0
500 1000 1500 2000 2500 3000 3500 4000
FREQUENCY (MHz)
SXBP-72+
VSWR
1.0
1.2
1.4
68
72
76
0
10
20
30
40
55
65
75
85
95
FREQUENCY (MHz)
SXBP-72+
INSERTION LOSS (Pass band)
2.0
2.5
3.0
68
72
76
65
70
75
80
85
90
95
100
68
70
72
74
76
FREQUENCY (MHz)
SXBP-72+
GROUP DELAY
Applications
• Avionics and air traffic control
• Harmonic rejection
• IF sinal processing
Features
• Narrow bandwidth
• Wide stopband rejection
• Miniature shielded package
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
94.38
11.46
68.0
99.74
30
87.51
102.19
68.5
92.99
50
58.12
217.15
69.0
86.81
57
40.63
91.43
69.5
81.77
60
31.32
45.72
70.0
77.93
63
19.97
18.11
70.5
74.91
65
11.09
6.78
71.0
72.72
68
2.95
1.13
71.5
71.11
72
2.36
1.12
71.8
70.38
76
2.69
1.29
72.0
69.89
78
3.44
1.14
72.3
69.30
80
7.69
3.18
72.5
68.91
82
14.39
7.22
73.0
68.40
87
27.77
18.70
73.3
68.11
89
31.77
23.49
73.5
67.92
95
41.06
37.77
74.0
67.80
500
97.94
434.30
74.5
68.01
1000
84.85
289.53
75.0
68.52
2500
52.82
96.51
75.5
69.51
4000
27.66
37.77
76.0
71.45


Similar Part No. - SXBP-72

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXBP-70 MINI-SXBP-70 Datasheet
372Kb / 1P
   Bandpass Filter
SXBP-70++ MINI-SXBP-70+ Datasheet
372Kb / 1P
   Bandpass Filter
SXBP-707 MINI-SXBP-707 Datasheet
382Kb / 1P
   Bandpass Filter
SXBP-707++ MINI-SXBP-707+ Datasheet
382Kb / 1P
   Bandpass Filter
SXBP-70W MINI-SXBP-70W Datasheet
527Kb / 3P
   Bandpass Filter
More results

Similar Description - SXBP-72

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com