Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXBP-45-75+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXBP-45-75+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXBP-45-75+ Datasheet(HTML) 1 Page - Mini-Circuits

  SXBP-45-75+ Datasheet HTML 1Page - Mini-Circuits SXBP-45-75+ Datasheet HTML 2Page - Mini-Circuits SXBP-45-75+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• High Q
• Low VSWR
• Good rejection, 30dB Typ.
• Miniature shielded package
Product Overview
SXBP-45-75+ is a 75W bandpass filter in a shielded package fabricated using SMT technology. This bandpass filter
covers from 5 to 85 MHz. This filter offers low insertion loss, low VSWR and very good rejection.
Feature
Advantages
Low VSWR
This model is used in digital television and test and measurement systems.
30 dB Typ rejection up to 3GHz
This enables the filter to attenuate spurious signals and reject harmonics for broad frequency band
Miniature package
The small surface mount package enables the SXBP-45-75+ to use in compact design
Key Features
SXBP-45-75+
75W
5 to 85 MHz
CASE STYLE: HF1139
Bandpass Filter
Surface Mount
Page 1 of 3


Similar Part No. - SXBP-45-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXBP-404 MINI-SXBP-404 Datasheet
353Kb / 3P
   Bandpass Filter
SXBP-404++ MINI-SXBP-404+ Datasheet
353Kb / 3P
   Bandpass Filter
SXBP-425 MINI-SXBP-425 Datasheet
419Kb / 1P
   Bandpass Filter
SXBP-425++ MINI-SXBP-425+ Datasheet
419Kb / 1P
   Bandpass Filter
More results

Similar Description - SXBP-45-75+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com