Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFL4913ESY5005V Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFL4913ESY5005V
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY5005V Datasheet(HTML) 1 Page - STMicroelectronics

  RHFL4913ESY5005V Datasheet HTML 1Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY5005V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
LOW DROPOUT VOLTAGE
s
EMBEDDED OVERTEMPERATURE,
OVERCURRENT PROTECTIONS
s
ADJUSTABLE CURRENT LIMITATION
s
OUTPUT OVERLOAD MONITORING/
SIGNALLING
s
FIXED 2.5; 3.3V; 5.0V OUTPUT VOLTAGES
s
INHIBIT (ON/OFF) TTL COMPATIBLE
CONTROL
s
PROGRAMMABLE OUTPUT SHORT
CIRCUIT CURRENT
s
REMOTE SENSING OPERATION
s
RADHARD: TESTED UP TO 300krad IN MIL
1019.5 AND LOW DOSE RATE CONDITIONS
s
HEAVY IONS SEL, SEU FREE. SUSTAINS
2x1014 proton/cm2, AND 2x1014 neutron/cm²
DESCRIPTION
The RHFL4913 Fixed is a high performance Rad
Hard Positive Voltage Regulator family.
Available into various hermetic ceramic packages,
it is specifically intended for Space and harsh
radiation environments. Input supply range is from
3 to12volts.
RHFL4913 Fixed is Qml-V Qualified, DSCC Smd
are 5962F02534 / 02535 / 02536 / 02537.
RHFL4913
FIXED VERSION
RAD-HARD POSITIVE FIXED
VOLTAGE REGULATORS
BLOCK DIAGRAM
SMD.5
TO-257
FPC-16
Rev. 5


Similar Part No. - RHFL4913ESY5005V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY5005V STMICROELECTRONICS-RHFL4913ESY5005V Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913ESY5005V STMICROELECTRONICS-RHFL4913ESY5005V Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - RHFL4913ESY5005V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Intersil Corporation
ISL75052SEH INTERSIL-ISL75052SEH Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com