Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0790 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T0790
Description  700 MHz - 2700 MHz Direct Quadrature Modulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0790 Datasheet(HTML) 5 Page - ATMEL Corporation

  T0790 Datasheet HTML 1Page - ATMEL Corporation T0790 Datasheet HTML 2Page - ATMEL Corporation T0790 Datasheet HTML 3Page - ATMEL Corporation T0790 Datasheet HTML 4Page - ATMEL Corporation T0790 Datasheet HTML 5Page - ATMEL Corporation T0790 Datasheet HTML 6Page - ATMEL Corporation T0790 Datasheet HTML 7Page - ATMEL Corporation T0790 Datasheet HTML 8Page - ATMEL Corporation T0790 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
T0790 [Preliminary]
4555C–SIGE–11/03
Broadband noise
floor
12, 13
P
NOISE
-155
-148
dBm/
Hz
C
Quadrature phase
error
12, 13
-2
±0.5
+2
°
B
I/Q amplitude balance
12, 13
-0.2
±0.5
+0.2
dB
B
RF Electrical Characteristics (1700 to 2000 MHz) (Continued)
Test conditions:
Unless otherwise noted, the following conditions apply to typical performance specification under static conditions:
V
CC = 5 V, Tamb = 25° C; baseband inputs: 1.9 V DC bias, 200 kHz frequency, 300 mVP-P, 600 mVP-P differential drive, I/Q signals in
quadrature, LO = 1960 MHz; P
LO = -5 dBm
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
RF Electrical Characteristics (2300 to 2700 MHz)
Test conditions:
Unless otherwise noted, the following conditions apply to typical performance specification under static conditions:
V
CC = 5 V, Tamb = 25° C; baseband inputs: 1.9 V DC bias, 200 kHz frequency, 300 mVP-P, 600 mVP-P differential drive, I/Q signals in
quadrature, LO = 2600 MHz; P
LO = -5 dBm
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
RF Output Port
RF frequency
12, 13
f
RF
2300
2700
MHz
B
Output power
12, 13
P
RFout
-18
-14.5
-13
dBm
A
RF return loss
Matched to 50
12, 13
P
LORL
15
dB
D
1-dB output
compression point
12, 13
P1dB
TBD
dBm
A
LO-RF leakage
12, 13
P
LORF
-40
-32
dBm
D
Sideband
suppression
12, 13
A
SB
34
40
dB
D
IM3 suppression
Two tone baseband
input at 600 mVP-P
differential per tone
12, 13
AIM3
TBD
dB
D
Broadband noise
floor
12, 13
P
NOISE
TBD
dBm/
Hz
C
Quadrature phase
error
12, 13
-2
±0.5
+2
°
B
I/Q amplitude balance
12, 13
-0.2
±0.5
+0.2
dB
B
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - T0790

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results

Similar Description - T0790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com